Electronic Components Datasheet Search
  English  ▼

X  

AD6679 Datasheet(PDF) 40 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD6679 Datasheet HTML 36Page - Analog Devices AD6679 Datasheet HTML 37Page - Analog Devices AD6679 Datasheet HTML 38Page - Analog Devices AD6679 Datasheet HTML 39Page - Analog Devices AD6679 Datasheet HTML 40Page - Analog Devices AD6679 Datasheet HTML 41Page - Analog Devices AD6679 Datasheet HTML 42Page - Analog Devices AD6679 Datasheet HTML 43Page - Analog Devices AD6679 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 81 page
background image
AD6679
Data Sheet
Rev. B | Page 40 of 81
DIGITAL DOWNCONVERTER (DDC)
The AD6679 includes four digital downconverters (DDCs) that
provide filtering and reduce the output data rate. This digital
processing section includes an NCO, up to four half-band
decimating filter, a finite impulse response (FIR) filter, a gain
stage, and a complex to real conversion stage. Each of these
processing blocks has control lines that allow it to be
independently enabled and disabled to provide the desired
processing function. The DDC can be configured to output
either real data or complex output data.
DDC I/Q INPUT SELECTION
The AD6679 has two ADC channels and four DDC channels.
Each DDC channel has two input ports that can be paired to
support both real and complex inputs through the I/Q crossbar
mux. For real signals, both DDC input ports must select the
same ADC channel (that is, DDC Input Port I = ADC Channel A
and DDC Input Port Q = ADC Channel A). For complex signals,
each DDC input port must select different ADC channels (that
is, DDC Input Port I = ADC Channel A and DDC Input Port Q
= ADC Channel B).
The inputs to each DDC are controlled by the DDC input selec-
tion registers (Register 0x311, Register 0x331, Register 0x351, and
Register 0x371). See Table 41 for information on how to
configure the DDCs.
DDC I/Q OUTPUT SELECTION
Each DDC channel has two output ports that can be paired to
support both real and complex outputs. For real output signals,
only the DDC Output Port I is used (the DDC Output Port Q is
invalid). For complex I/Q output signals, both DDC Output
Port I and DDC Output Port Q are used.
The I/Q outputs to each DDC channel are controlled by the
DDC complex to real enable bit, Bit 3, in the DDC control
registers (Register 0x310, Register 0x330, Register 0x350, and
Register 0x370).
The Chip Q ignore bit in the chip mode register (Register 0x200,
Bit 5) controls the chip output muxing of all the DDC channels.
When all DDC channels use real outputs, set this bit high to
ignore all DDC Q output ports. When any of the DDC channels
are set to use complex I/Q outputs, the user must clear this bit
to use both DDC Output Port I and DDC Output Port Q. For
more information, see Figure 71.
DDC GENERAL DESCRIPTION
The four DDC blocks extract a portion of the full digital
spectrum captured by the ADC(s). They are intended for IF
sampling or oversampled baseband radios requiring wide
bandwidth input signals.
Each DDC block contains the following signal processing
stages:
Frequency translation stage (optional)
Filtering stage
Gain stage (optional)
Complex to real conversion stage (optional)
Frequency Translation Stage (Optional)
This stage consists of a 12-bit complex NCO and quadrature
mixers that can be used for frequency translation of both real
and complex input signals. This stage shifts a portion of the
available digital spectrum down to baseband.
Filtering Stage
After shifting down to baseband, this stage decimates the
frequency spectrum using a chain of up to four half-band low-
pass filters for rate conversion. The decimation process lowers
the output data rate, which, in turn, reduces the output interface
rate.
Gain Stage (Optional)
Due to losses associated with mixing a real input signal down to
baseband, this stage compensates by adding an additional 0 dB
or 6 dB of gain.
Complex to Real Conversion Stage (Optional)
When real outputs are necessary, this stage converts the
complex outputs back to real outputs by performing an fS/4
mixing operation together with a filter to remove the complex
component of the signal.
Figure 63 shows the detailed block diagram of the DDCs
implemented in the AD6679.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com