Electronic Components Datasheet Search
  English  ▼

X  

AD6679 Datasheet(PDF) 15 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD6679 Datasheet HTML 11Page - Analog Devices AD6679 Datasheet HTML 12Page - Analog Devices AD6679 Datasheet HTML 13Page - Analog Devices AD6679 Datasheet HTML 14Page - Analog Devices AD6679 Datasheet HTML 15Page - Analog Devices AD6679 Datasheet HTML 16Page - Analog Devices AD6679 Datasheet HTML 17Page - Analog Devices AD6679 Datasheet HTML 18Page - Analog Devices AD6679 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 81 page
background image
Data Sheet
AD6679
Rev. B | Page 15 of 81
D15
D1
CLK+
DCO± (DATA CLOCK OUTPUT)
0° PHASE ADJUST
DCO± (DATA CLOCK OUTPUT)
90° PHASE ADJUST1
DCO± (DATA CLOCK OUTPUT)
180° PHASE ADJUST
DCO± (DATA CLOCK OUTPUT)
270° PHASE ADJUST2
SYNC+
FCO–
(FRAME CLOCK OUTPUT)3
FCO+
STATUS+
(OVERRANGE STATUS BIT)
STATUS–
APERTURE DELAY
N
N + x
N – 1
N + y
N + z
N + 33
N + 34
N + 35
DATA0±
DATA7±
I0[N]
EVEN
N + 36
N + 37
N + 38
N + 39
VIN±x
190° PHASE ADJUST IS GENERATED USING THE FALLING EDGE OF CLK±.
2270° PHASE ADJUST IS GENERATED USING THE FALLING EDGE OF CLK±.
3FRAME CLOCK OUTPUT SUPPORTS THREE MODES OF OPERATION:
1) ENABLED (ALWAYS ON)
2) DISABLED (ALWAYS OFF)
3) GAPPED PERIODIC (CONDITIONALLY ENABLED BASED ON PSEUDORANDOM BIT)
4STATUS BIT SELECTED BY THE OUTPUT MODE CONTROL 1 BITS, REGISTER 0x559[2:0] IN THE REGISTER MAP.
PAR4
D15
D1
PAR
D14
D0
OVR
D15
D1
PAR
D14
D0
OVR
D15
D1
PAR
D14
D0
OVR
D15
D1
PAR
D14
D0
OVR
D15
D1
PAR
CLK–
FRAME 0
FRAME 1
SYNC–
tCLK
tCH
tDCO
tFCO
tPD
tFRAME
I0[N]
ODD
Q0[N]
EVEN
Q0[N]
ODD
I0[N + 1]
EVEN
I0[N + 1]
ODD
Q0[N + 1]
EVEN
Q0[N + 1]
ODD
SYNCHRONOUS LOW TO HIGH TRANSITION OF THE SYNC SIGNAL CAPTURED ON THE RISING EDGE OF
THE CLK SIGNAL CAUSES THE DCO/FCO DIVIDERS TO BE RESET
FIXED DELAY FROM SYNC EVENT
TO DCO KNOWN PHASE
tSKEWF
tSKEWR
2 × tCLK
Figure 9. LVDS Byte Mode—Two Virtual Converters, One DDC (I/Q Decimate by 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com