| Electronic Components Datasheet Search |
|
AD6679 Datasheet(PDF) 44 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD6679 Datasheet(HTML) 44 Page - Analog Devices |
|
44 / 81 page ![]() AD6679 Data Sheet Rev. B | Page 44 of 81 Real (I) Output (Complex to Real Enabled) Complex (I/Q) Outputs (Complex to Real Disabled) HB2 FIR + HB1 FIR (DCM1 = 2) HB3 FIR + HB2 FIR + HB1 FIR (DCM1 = 4) HB4 FIR + HB3 FIR + HB2 FIR + HB1 FIR (DCM1 = 8) HB1 FIR (DCM1 = 2) HB2 FIR + HB1 FIR (DCM1 = 4) HB3 FIR + HB2 FIR + HB1 FIR (DCM1 = 8) HB4 FIR + HB3 FIR + HB2 FIR + HB1 FIR (DCM1 = 16) N + 10 N + 4 N + 2 N + 10 N + 4 N + 2 N N + 11 N + 5 N + 3 N + 11 N + 5 N + 3 N + 1 N + 12 N + 6 N + 2 N + 12 N + 6 N + 2 N N + 13 N + 7 N + 3 N + 13 N + 7 N + 3 N + 1 N + 14 N + 6 N + 2 N + 14 N + 6 N + 2 N N + 15 N + 7 N + 3 N + 15 N + 7 N + 3 N + 1 1 DCM means decimation. Table 15. DDC Samples When Chip Decimation Ratio = 4 Real (I) Output (Complex to Real Enabled) Complex (I/Q) Outputs (Complex to Real Disabled) HB3 FIR + HB2 FIR + HB1 FIR (DCM1 = 4) HB4 FIR + HB3 FIR + HB2 FIR + HB1 FIR (DCM1 = 8) HB2 FIR + HB1 FIR (DCM1 = 4) HB3 FIR + HB2 FIR + HB1 FIR (DCM1 = 8) HB4 FIR + HB3 FIR + HB2 FIR + HB1 FIR (DCM1 = 16) N N N N N N + 1 N + 1 N + 1 N + 1 N + 1 N + 2 N N + 2 N N N + 3 N + 1 N + 3 N + 1 N + 1 N + 4 N + 2 N + 4 N + 2 N N + 5 N + 3 N + 5 N + 3 N + 1 N + 6 N + 2 N + 6 N + 2 N N + 7 N + 3 N + 7 N + 3 N + 1 1 DCM means decimation. Table 16. DDC Samples When Chip Decimation Ratio = 8 Real (I) Output (Complex to Real Enabled) Complex (I/Q) Outputs (Complex to Real Disabled) HB4 FIR + HB3 FIR + HB2 FIR + HB1 FIR (DCM1 = 8) HB3 FIR + HB2 FIR + HB1 FIR (DCM1 = 8) HB4 FIR + HB3 FIR + HB2 FIR + HB1 FIR (DCM1 = 16) N N N N + 1 N + 1 N + 1 N + 2 N + 2 N N + 3 N + 3 N + 1 N + 4 N + 4 N + 2 N + 5 N + 5 N + 3 N + 6 N + 6 N + 2 N + 7 N + 7 N + 3 1 DCM means decimation. Table 17. DDC Samples When Chip Decimation Ratio = 16 Real (I) Output (Complex to Real Enabled) Complex (I/Q) Outputs (Complex to Real Disabled) HB4 FIR + HB3 FIR + HB2 FIR + HB1 FIR (DCM1 = 16) HB4 FIR + HB3 FIR + HB2 FIR + HB1 FIR (DCM1 = 16) Not applicable N Not applicable N + 1 Not applicable N + 2 Not applicable N + 3 1 DCM means decimation. |