Electronic Components Datasheet Search
  English  ▼

X  

AD6679 Datasheet(PDF) 61 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 61 Page - Analog Devices

Back Button AD6679 Datasheet HTML 57Page - Analog Devices AD6679 Datasheet HTML 58Page - Analog Devices AD6679 Datasheet HTML 59Page - Analog Devices AD6679 Datasheet HTML 60Page - Analog Devices AD6679 Datasheet HTML 61Page - Analog Devices AD6679 Datasheet HTML 62Page - Analog Devices AD6679 Datasheet HTML 63Page - Analog Devices AD6679 Datasheet HTML 64Page - Analog Devices AD6679 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 81 page
background image
Data Sheet
AD6679
Rev. B | Page 61 of 81
Table 32. VDR Tuning Words and Absolute Frequency
Values, 25% BW, Complex Mode (fS = 491.52 MSPS)
Tuning
Word
Lower
Band Edge
(MHz)
Center
Frequency
(MHz)
Upper Band
Edge (MHz)
0 (0x00)
−61.44
0.00
61.44
1 (0x01)
−30.72
30.72
92.16
2 (0x02)
0.00
61.44
122.88
3 (0x03)
30.72
92.16
153.6
4 (0x04)
61.44
122.88
184.32
5 (0x05)
92.16
153.6
215.04
6 (0x06)
122.88
184.32
245.76
7 (0x07)
153.6
215.04
276.48
8 (0x08)
184.32
245.76
307.2
9 (0x09)
215.04
276.48
337.92
10 (0x0A)
245.76
307.2
368.64
11 (0x0B)
276.48
337.92
399.36
12 (0x0C)
307.2
368.64
430.08
13 (0x0D)
337.92
399.36
460.8
14 (0x0E)
368.64
430.08
491.52
15 (0x0F)
399.36
460.8
522.24
Table 33 and Table 34 show the tuning words and frequency
values for the 43% complex mode. Table 33 shows the relative
frequency values, and Table 34 shows the absolute frequency
values based on a sample rate of 491.52 MSPS. Figure 83 shows
the frequency zones for the 43% BW VDR mode with a center
frequency (fVDR) of fS/4 (tuning word = 0x04). The frequency
zones where the amplitude may not exceed −30 dBFS are the
upper and lower portions of the Nyquist band extending into
the complex domain.
dBFS
1/29
fS
1/4
fS
20/43
fS
1/2
fS
–1/2
fS
0
–30
Figure 83. 43% VDR Bandwidth, Complex Mode
Table 33. VDR Tuning Words and Relative Frequency
Values, 43% BW, Complex Mode
Tuning Word
Lower Band
Edge (MHz)
Center
Frequency
(MHz)
Upper Band
Edge (MHz)
0 (0x00)
−14/65 fS
0
14/65 fS
1 (0x01)
−11/72 fS
1/16 fS
5/18 fS
2 (0x02)
−1/11 fS
1/8 fS
16/47 fS
3 (0x03)
−1/36 fS
3/16 fS
29/72 fS
4 (0x04)
1/29 fS
1/4 fS
20/43 fS
5 (0x05)
7/72 fS
5/16 fS
19/36 fS
6 (0x06)
4/25 fS
3/8 fS
49/83 fS
7 (0x07)
2/9 fS
7/16 fS
47/72 fS
8 (0x08)
2/7 fS
1/2 fS
5/7 fS
9 (0x09)
25/72 fS
9/16 fS
7/9 fS
10 (0x0A)
34/83 fS
5/8 fS
21/25 fS
11 (0x0B)
17/36 fS
11/16 fS
65/72 fS
12 (0x0C)
23/43 fS
3/4 fS
28/29 fS
13 (0x0D)
43/72 fS
13/16 fS
37/36 fS
14 (0x0E)
31/47 fS
7/8 fS
12/11 fS
15 (0x0F)
13/18 fS
15/16 fS
83/72 fS
Table 34. VDR Tuning Words and Absolute Frequency
Values, 43% BW, Complex Mode (fS = 491.52 MSPS)
Tuning Word
Lower Band
Edge (MHz)
Center
Frequency
(MHz)
Upper Band
Edge (MHz)
0 (0x00)
−105.37
0.00
105.87
1 (0x01)
−75.09
30.72
136.53
2 (0x02)
−44.68
61.44
167.33
3 (0x03)
−13.65
92.16
197.97
4 (0x04)
16.95
122.88
228.61
5 (0x05)
47.79
153.6
259.41
6 (0x06)
78.64
184.32
290.17
7 (0x07)
109.23
215.04
320.85
8 (0x08)
140.43
245.76
351.09
9 (0x09)
170.67
276.48
382.29
10 (0x0A)
201.35
307.2
412.88
11 (0x0B)
232.11
337.92
443.73
12 (0x0C)
262.91
368.64
474.57
13 (0x0D)
293.55
399.36
505.17
14 (0x0E)
324.19
430.08
536.2
15 (0x0F)
354.99
460.8
566.61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com