Electronic Components Datasheet Search
  English  ▼

X  

AD6679 Datasheet(PDF) 54 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 54 Page - Analog Devices

Back Button AD6679 Datasheet HTML 50Page - Analog Devices AD6679 Datasheet HTML 51Page - Analog Devices AD6679 Datasheet HTML 52Page - Analog Devices AD6679 Datasheet HTML 53Page - Analog Devices AD6679 Datasheet HTML 54Page - Analog Devices AD6679 Datasheet HTML 55Page - Analog Devices AD6679 Datasheet HTML 56Page - Analog Devices AD6679 Datasheet HTML 57Page - Analog Devices AD6679 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 81 page
background image
AD6679
Data Sheet
Rev. B | Page 54 of 81
Chip
Application
Layer
Chip
Decimation
Ratio
DDC
Input
Type
DDC
Output
Type
Bandwidth
Per DDC1
No. of Virtual
Converters
Required
Register Settings2
Two DDCs
8
Real
Real
4.81% × fS
2
Register 0x200 = 0x22 (two DDCs, I only selected)
Register 0x201 = 0x03 (chip decimate by 8)
Register 0x310, Register 0x330 = 0x4A (real
mixer, 6 dB gain, variable IF, real output, HB4 +
HB3 + HB2 + HB1 filters)
Register 0x311 = 0x00 (DDC 0 I input = ADC
Channel A, DDC 0 Q input = ADC Channel A)
Register 0x331 = 0x05 (DDC 1 I input = ADC
Channel B, DDC 1 Q input = ADC Channel B)
Register 0x314, Register 0x315, Register 0x320,
Register 0x321 = FTW and POW set as required
by application for DDC 0
Register 0x334, Register 0x335, Register 0x340,
Register 0x341 = FTW and POW set as required
by application for DDC 1
Four DDCs
8
Real
Complex
9.63% × fS
8
Register 0x200 = 0x03 (four DDCs, I/Q selected)
Register 0x201 = 0x03 (chip decimate by 8)
Register 0x310, Register 0x330, Register 0x350,
Register 0x370 = 0x41 (real mixer, 6 dB gain,
variable IF, complex output, HB3 + HB2 + HB1
filters)
Register 0x311 = 0x00 (DDC 0 I input = ADC
Channel A, DDC 0 Q input = ADC Channel A)
Register 0x331 = 0x00 (DDC 1 I input = ADC
Channel A, DDC 1 Q input = ADC Channel A)
Register 0x351 = 0x05 (DDC 2 I input = ADC
Channel B, DDC 2 Q input = ADC Channel B)
Register 0x371 = 0x05 (DDC 3 I input = ADC
Channel B, DDC 3 Q input = ADC Channel B)
Register 0x314, Register 0x315, Register 0x320,
Register 0x321 = FTW and POW set as required
by application for DDC 0
Register 0x334, Register 0x335, Register 0x340,
Register 0x341 = FTW and POW set as required
by application for DDC 1
Register 0x354, Register 0x355, Register 0x360,
Register 0x361 = FTW and POW set as required
by application for DDC 2
Register 0x374, Register 0x375, Register 0x380,
Register 0x381 = FTW and POW set as required
by application for DDC 3
Four DDCs
8
Real
Real
4.81% × fS
4
Register 0x200 = 0x23 (four DDCs, I only selected)
Register 0x201 = 0x03 (chip decimate by 8)
Register 0x310, Register 0x330, Register 0x350,
Register 0x370 = 0x4A (real mixer, 6 dB gain,
variable IF, real output, HB4 + HB3 + HB2 + HB1
filters)
Register 0x311 = 0x00 (DDC 0 I input = ADC
Channel A, DDC 0 Q input = ADC Channel A)
Register 0x331 = 0x00 (DDC 1 I input = ADC
Channel A, DDC 1 Q input = ADC Channel A)
Register 0x351 = 0x05 (DDC 2 I input = ADC
Channel B, DDC 2 Q input = ADC Channel B)
Register 0x371 = 0x05 (DDC 3 I input = ADC
Channel B, DDC 3 Q input = ADC Channel B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com