Electronic Components Datasheet Search
  English  ▼

X  

AD6679 Datasheet(PDF) 50 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 50 Page - Analog Devices

Back Button AD6679 Datasheet HTML 46Page - Analog Devices AD6679 Datasheet HTML 47Page - Analog Devices AD6679 Datasheet HTML 48Page - Analog Devices AD6679 Datasheet HTML 49Page - Analog Devices AD6679 Datasheet HTML 50Page - Analog Devices AD6679 Datasheet HTML 51Page - Analog Devices AD6679 Datasheet HTML 52Page - Analog Devices AD6679 Datasheet HTML 53Page - Analog Devices AD6679 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 81 page
background image
AD6679
Data Sheet
Rev. B | Page 50 of 81
HB3 Filter
The second decimate by 2, half-band, low-pass, FIR filter (HB3)
uses an 11-tap, symmetrical, fixed coefficient filter implementa-
tion that is optimized for low power consumption. The HB3
filter is only used when complex outputs (decimate by 8 or 16)
or real outputs (decimate by 4 or 8) are enabled; otherwise, it is
bypassed. Table 22 and Figure 68 show the coefficients and
response of the HB3 filter.
Table 22. HB3 Filter Coefficients
HB3 Coefficient
Number
Normalized
Coefficient
Decimal Coefficient
(18-Bit)
C1, C11
0.006554
859
C2, C10
0
0
C3, C9
−0.050819
−6661
C4, C8
0
0
C5, C7
0.294266
38,570
C6
0.500000
65,536
0
–120
–100
–80
–60
–40
–20
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
NORMALIZED FREQUENCY (× π RAD/SAMPLE)
Figure 68. HB3 Filter Response
HB2 Filter
The third decimate by 2, half-band, low-pass, FIR filter (HB2)
uses a 19-tap, symmetrical, fixed coefficient filter implementa-
tion that is optimized for low power consumption.
The HB2 filter is only used when complex or real outputs
(decimate by 4, 8, or 16) are enabled; otherwise, it is bypassed.
Table 23 and Figure 69 show the coefficients and response of
the HB2 filter.
Table 23. HB2 Filter Coefficients
HB2 Coefficient
Number
Normalized
Coefficient
Decimal Coefficient
(19-Bit)
C1, C19
0.000614
161
C2, C18
0
0
C3, C17
−0.005066
−1328
C4, C16
0
0
C5, C15
0.022179
5814
C6, C14
0
0
C7, C13
−0.073517
−19,272
C8, C12
0
0
C9, C11
0.305786
80,160
C10
0.500000
131,072
0
–120
–100
–80
–60
–40
–20
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
NORMALIZED FREQUENCY (× π RAD/SAMPLE)
Figure 69. HB2 Filter Response
HB1 Filter
The fourth and final decimate by 2, half-band, low-pass, FIR
filter (HB1) uses a 55-tap, symmetrical, fixed coefficient filter
implementation that is optimized for low power consumption.
The HB1 filter is always enabled and cannot be bypassed. Table 24
and Figure 70 show the coefficients and response of the HB1 filter.
Table 24. HB1 Filter Coefficients
HB1 Coefficient
Number
Normalized
Coefficient
Decimal
Coefficient (21-Bit)
C1, C55
−0.000023
−24
C2, C54
0
0
C3, C53
0.000097
102
C4, C52
0
0
C5, C51
−0.000288
−302
C6, C50
0
0
C7, C49
0.000696
730
C8, C48
0
0
C9, C47
−0.0014725
−1544
C10, C46
0
0
C11, C45
0.002827
2964
C12, C44
0
0
C13, C43
−0.005039
−5284
C14, C42
0
0
C15, C41
0.008491
8903
C16, C40
0
0
C17, C39
−0.013717
−14,383
C18, C38
0
0
C19, C37
0.021591
22,640
C20, C36
0
0
C21, C35
−0.033833
−35,476
C22, C34
0
0
C23, C33
0.054806
57,468
C24, C32
0
0
C25, C31
−0.100557
−105,442
C26, C30
0
0
C27, C29
0.316421
331,792
C28
0.500000
524,288



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com