Electronic Components Datasheet Search
  English  ▼

X  

PI7C7300DNA Datasheet(PDF) 34 Page - Pericom Semiconductor Corporation

Part # PI7C7300DNA
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300DNA Datasheet(HTML) 34 Page - Pericom Semiconductor Corporation

Back Button PI7C7300DNA Datasheet HTML 30Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 31Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 32Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 33Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 34Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 35Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 36Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 37Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 38Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Page 34 of 107
Pericom Semiconductor
November 2005 - Revision 1.01
Because read transactions to configuration space do not have side effects, all bytes in the
requested DWORD are returned, regardless of the value of the byte enable bits.
Type 0 configuration write and read transactions do not use data buffers; that is, these
transactions are completed immediately, regardless of the state of the data buffers. The
PI7C7300D ignores all Type 0 transactions initiated on the secondary interface.
4.8.2
TYPE 1 TO TYPE 0 CONVERSION
Type 1 configuration transactions are used specifically for device configuration in a
hierarchical PCI bus system. A PCI-to-PCI bridge is the only type of device that should
respond to a Type 1 configuration command. Type 1 configuration commands are used
when the configuration access is intended for a PCI device that resides on a PCI bus
other than the one where the Type 1 transaction is generated.
PI7C7300D performs a Type 1 to Type 0 translation when the Type 1 transaction is
generated on the primary bus and is intended for a device attached directly to the
secondary bus. PI7C7300D must convert the configuration command to a Type 0 format
so that the secondary bus device can respond to it. Type 1 to Type 0 translations are
performed only in the downstream direction; that is, PI7C7300D generates a Type 0
transaction only on the secondary bus, and never on the primary bus.
PI7C7300D responds to a Type 1 configuration transaction and translates it into a Type 0
transaction on the secondary bus when the following conditions are met during the
address phase:
The lowest two address bits on P_AD[1:0] are 01b.
The bus number in address field P_AD[23:16] is equal to the value in the secondary
bus number register in configuration space.
The bus command on P_CBE[3:0] is a configuration read or configuration write
transaction.
When PI7C7300D translates the Type 1 transaction to a Type 0 transaction on the
secondary interface, it performs the following translations to the address:
Sets the lowest two address bits on S1_AD[1:0] or S2_AD[1:0] to 00b.
Decodes the device number and drives the bit pattern specified in Table 4-6 on
S1_AD[31:16] or S2_AD[31:16] for the purpose of asserting the device’s IDSEL
signal.
Sets S1_AD[15:11] or S2_AD[15:11] to 0.
Leaves unchanged the function number and register number fields.
PI7C7300D asserts a unique address line based on the device number. These address
lines may be used as secondary bus IDSEL signals. The mapping of the address lines
depends on the device number in the Type 1 address bits P_AD[15:11]. Table 4-6
presents the mapping that PI7C7300D uses.
Table 4-6 DEVICE NUMBER TO IDSEL S1_AD OR S2_AD PIN MAPPING
Device Number
P_AD[15:11]
Secondary
IDSEL
S1_AD[31:16]
or
S2_AD[31:16]
S1_AD
or
S2_AD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com