Electronic Components Datasheet Search
  English  ▼

X  

PI7C7300DNA Datasheet(PDF) 55 Page - Pericom Semiconductor Corporation

Part # PI7C7300DNA
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300DNA Datasheet(HTML) 55 Page - Pericom Semiconductor Corporation

Back Button PI7C7300DNA Datasheet HTML 51Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 52Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 53Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 54Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 55Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 56Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 57Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 58Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 59Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Page 55 of 107
Pericom Semiconductor
November 2005 - Revision 1.01
If the parity-error-response bit corresponding to the initiator bus is set, PI7C7300D
asserts TRDY# to the initiator and the transaction is not queued. If multiple data
phases are requested, STOP# is also asserted to cause a target disconnect. Two
cycles after the data transfer, PI7C7300D also asserts PERR#.
If the parity-error-response bit is not set, PI7C7300D returns a target retry. It queues
the transaction as usual. PI7C7300D does not assert PERR#. In this case, the
initiator repeats the transaction.
PI7C7300D sets the detected-parity-error bit in the status register corresponding to
the initiator bus, regardless of the state of the parity-error-response bit.
Note: If parity checking is turned off and data parity errors have occurred for queued or
subsequent delayed write transactions on the initiator bus, it is possible that the initiator’s
re-attempts of the write transaction may not match the original queued delayed write
information contained in the delayed transaction queue. In this case, a master timeout
condition may occur, possibly resulting in a system error (P_SERR# assertion).
For downstream transactions, when PI7C7300D is delivering data to the target on the
secondary bus and S_PERR# is asserted by the target, the following events occur:
PI7C7300D sets the secondary interface data parity detected bit in the secondary
status register, if the secondary parity error response bit is set in the bridge control
register.
PI7C7300D captures the parity error condition to forward it back to the initiator on
the primary bus.
Similarly, for upstream transactions, when PI7C7300D is delivering data to the target on
the primary bus and P_PERR# is asserted by the target, the following events occur:
PI7C7300D sets the primary interface data-parity-detected bit in the status register, if
the primary parity-error-response bit is set in the command register.
PI7C7300D captures the parity error condition to forward it back to the initiator on
the secondary bus.
A delayed write transaction is completed on the initiator bus when the initiator repeats
the write transaction with the same address, command, data, and byte enable bits as the
delayed write command that is at the head of the posted data queue. Note that the parity
bit is not compared when determining whether the transaction matches those in the
delayed transaction queues.
Two cases must be considered:
When parity error is detected on the initiator bus on a subsequent re-attempt of the
transaction and was not detected on the target bus
When parity error is forwarded back from the target bus
For downstream delayed write transactions, when the parity error is detected on the
initiator bus and PI7C7300D has write status to return, the following events occur:
PI7C7300D first asserts P_TRDY# and then asserts P_PERR# two cycles later, if the
primary interface parity-error-response bit is set in the command register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com