Electronic Components Datasheet Search
  English  ▼

X  

PI7C7300DNA Datasheet(PDF) 26 Page - Pericom Semiconductor Corporation

Part # PI7C7300DNA
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300DNA Datasheet(HTML) 26 Page - Pericom Semiconductor Corporation

Back Button PI7C7300DNA Datasheet HTML 22Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 23Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 24Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 25Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 26Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 27Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 28Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 29Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 30Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Page 26 of 107
Pericom Semiconductor
November 2005 - Revision 1.01
bytes of write data with valid byte enable bits are compared. If any of the byte enable bits
are turned off (driven HIGH), the corresponding byte of write data is not compared.
If the initiator repeats the write transaction before the data has been transferred to the
target, PI7C7300D returns a target retry to the initiator. PI7C7300D continues to return a
target retry to the initiator until write data is delivered to the target, or until an error
condition is encountered. When the write transaction is repeated, PI7C7300D does not
make a new entry into the delayed transaction queue. Section 4.9.3.1 provides detailed
information about how PI7C7300D responds to target termination during delayed write
transactions.
PI7C7300D implements a discard timer that starts counting when the delayed write
completion is at the head of the delayed transaction completion queue. The initial value
of this timer can be set to the retry counter register offset 78h.
If the initiator does not repeat the delayed write transaction before the discard timer
expires, PI7C7300D discards the delayed write completion from the delayed transaction
completion queue. PI7C7300D also conditionally asserts P_SERR# (see Section 7.4).
4.6.4
WRITE TRANSACTION ADDRESS BOUNDARIES
PI7C7300D imposes internal address boundaries when accepting write data. The aligned
address boundaries are used to prevent PI7C7300D from continuing a transaction over a
device address boundary and to provide an upper limit on maximum latency. PI7C7300D
returns a target disconnect to the initiator when it reaches the aligned address boundaries
under conditions shown in Table 4–3.
Table 4-3 WRITE TRANSACTION DISCONNECT ADDRESS BOUNDARIES
Type of Transaction
Condition
Aligned Address Boundary
Delayed Write
All
Disconnects after one data transfer
Posted Memory Write
Memory write disconnect control
bit = 0
(1)
4KB aligned address boundary
Posted Memory Write
Memory write disconnect control
bit = 1
(1)
Disconnects at cache line boundary
Posted Memory Write and
Invalidate
Cache line size
≠ 1, 2, 4, 8, 16
4KB aligned address boundary
Posted Memory Write and
Invalidate
Cache line size = 1, 2, 4, 8, 16
Cache line boundary if posted memory
write data FIFO does not have enough
space for the cache line
Note 1. Memory write disconnect control bit is bit 1 of the chip control register at offset 40h in the
configuration space.
4.6.5
BUFFERING MULTIPLE WRITE TRANSACTIONS
PI7C7300D continues to accept posted memory write transactions as long as space for at
least one DWORD of data in the posted write data buffer remains. If the posted write
data buffer fills before the initiator terminates the write transaction, PI7C7300D returns a
target disconnect to the initiator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com