Electronic Components Datasheet Search
  English  ▼

X  

PI7C7300DNA Datasheet(PDF) 76 Page - Pericom Semiconductor Corporation

Part # PI7C7300DNA
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300DNA Datasheet(HTML) 76 Page - Pericom Semiconductor Corporation

Back Button PI7C7300DNA Datasheet HTML 72Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 73Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 74Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 75Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 76Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 77Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 78Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 79Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 80Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Page 76 of 107
Pericom Semiconductor
November 2005 - Revision 1.01
14.1.2
DEVICE ID REGISTER – OFFSET 00h
Configuration Register 1
Bit
Function
Type
Description
31:16
Device ID
R/O
Identifies this device as the PI7C7300D. Hardwired as 71E2h.
Configuration Register 2
Bit
Function
Type
Description
31:16
Device ID
R/O
Identifies this device as the PI7C7300D. Hardwired as 71E3h.
14.1.3
COMMAND REGISTER – OFFSET 04h
Bit
Function
Type
Description
0
I/O Space Enable
R/W
Controls response to I/O access on the primary interface
0: ignore I/O transactions on the primary interface
1: enable response to I/O transactions on the primary interface
Reset to 0
1
Memory Space
Enable
R/W
Controls response to memory accesses on the primary interface
0: ignore memory transactions on the primary interface
1: enable response to memory transactions on the primary interface
Reset to 0
2
Bus Master
Enable
R/W
Controls ability to operate as a bus master on the primary interface
0: do not initiate memory or I/O transactions on the primary
interface and disable response to memory and I/O transactions on
secondary 1 interface
1: enables PI7C7300D to operate as a master on the primary
interfaces for memory and I/O transactions forwarded from the
secondary interface
Reset to 0
3
Special Cycle
Enable
R/O
No special cycles defined.
Bit is defined as read only and returns 0 when read
4
Memory Write
And Invalidate
Enable
R/O
Memory write and invalidate not supported.
Bit is implemented as read only and returns 0 when read (unless
forwarding a transaction for another master)
5
VGA Palette
Snoop Enable
R/W
Controls response to VGA compatible palette accesses
0: ignore VGA palette accesses on the primary
1: enable positive decoding response to VGA palette writes on the
primary interface with I/O address bits AD[9:0] equal to 3C6h,
3C8h, and 3C9h (inclusive of ISA alias; AD[15:10] are not decoded
and may be any value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com