Electronic Components Datasheet Search
  English  ▼

X  

PI7C7300DNA Datasheet(PDF) 38 Page - Pericom Semiconductor Corporation

Part # PI7C7300DNA
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300DNA Datasheet(HTML) 38 Page - Pericom Semiconductor Corporation

Back Button PI7C7300DNA Datasheet HTML 34Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 35Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 36Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 37Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 38Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 39Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 40Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 41Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 42Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Page 38 of 107
Pericom Semiconductor
November 2005 - Revision 1.01
For a posted write transaction, all write data for the transaction is transferred from
data buffers to the target.
For burst transfer, with the exception of “Memory Write and Invalidate”
transactions, the master latency timer expires and the PI7C7300D’s bus grant is de-
asserted.
The target terminates the transaction with a retry, disconnect, or target abort.
If PI7C7300D is delivering posted write data when it terminates the transaction because
the master latency timer expires, it initiates another transaction to deliver the remaining
write data. The address of the transaction is updated to reflect the address of the current
DWORD to be delivered.
If PI7C7300D is pre-fetching read data when it terminates the transaction because the
master latency timer expires, it does not repeat the transaction to obtain more data.
4.9.2
MASTER ABORT RECEIVED BY PI7C7300D
If the initiator initiates a transaction on the target bus and does not detect DEVSEL#
returned by the target within five clock cycles of the assertion of FRAME#, PI7C7300D
terminates the transaction with a master abort. This sets the received-master-abort bit in
the status register corresponding to the target bus.
For delayed read and write transactions, PI7C7300D is able to reflect the master abort
condition back to the initiator. When PI7C7300D detects a master abort in response to a
delayed transaction, and when the initiator repeats the transaction, PI7C7300D does not
respond to the transaction with DEVSEL# which induces the master abort condition back
to the initiator. The transaction is then removed from the delayed transaction queue.
When a master abort is received in response to a posted write transaction, PI7C7300D
discards the posted write data and makes no more attempts to deliver the data.
PI7C7300D sets the received-master-abort bit in the status register when the master abort
is received on the primary bus, or it sets the received master abort bit in the secondary
status register when the master abort is received on the secondary interface. When master
abort is detected in posted write transaction with both master-abort-mode bit (bit 5 of
bridge control register) and the SERR# enable bit (bit 8 of command register for
secondary bus S1 or S2) are set, PI7C7300D asserts P_SERR# if the master-abort-on-
posted-write is not set. The master-abort-on-posted-write bit is bit 4 of the P_SERR#
event disable register (offset 64h).
Note: When PI7C7300D performs a Type 1 to special cycle conversion, a master abort is
the expected termination for the special cycle on the target bus. In this case, the master
abort received bit is not set, and the Type 1 configuration transaction is disconnected
after the first data phase.
4.9.3
TARGET TERMINATION RECEIVED BY PI7C7300D
When PI7C7300D initiates a transaction on the target bus and the target responds with
DEVSEL#, the target can end the transaction with one of the following types of
termination:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com