Electronic Components Datasheet Search
  English  ▼

X  

PI7C7300DNA Datasheet(PDF) 56 Page - Pericom Semiconductor Corporation

Part # PI7C7300DNA
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300DNA Datasheet(HTML) 56 Page - Pericom Semiconductor Corporation

Back Button PI7C7300DNA Datasheet HTML 52Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 53Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 54Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 55Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 56Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 57Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 58Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 59Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 60Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Page 56 of 107
Pericom Semiconductor
November 2005 - Revision 1.01
PI7C7300D sets the primary interface parity-error-detected bit in the status register.
Because there was not an exact data and parity match, the write status is not returned
and the transaction remains in the queue.
Similarly, for upstream delayed write transactions, when the parity error is detected on
the initiator bus and PI7C7300D has write status to return, the following events occur:
PI7C7300D first asserts S1_TRDY# or S2_TRDY# and then asserts S_PERR# two
cycles later, if the secondary interface parity-error-response bit is set in the bridge
control register (offset 3Ch).
PI7C7300D sets the secondary interface parity-error-detected bit in the secondary
status register.
Because there was not an exact data and parity match, the write status is not returned
and the transaction remains in the queue.
For downstream transactions, where the parity error is being passed back from the target
bus and the parity error condition was not originally detected on the initiator bus, the
following events occur:
PI7C7300D asserts P_PERR# two cycles after the data transfer, if the following are
both true:
-
The parity-error-response bit is set in the command register of the primary
interface.
-
The parity-error-response bit is set in the bridge control register of the
secondary interface.
PI7C7300D completes the transaction normally.
For upstream transactions, when the parity error is being passed back from the target bus
and the parity error condition was not originally detected on the initiator bus, the
following events occur:
PI7C7300D asserts S_PERR# two cycles after the data transfer, if the following are
both true:
-
The parity error response bit is set in the command register of the primary
interface.
-
The parity error response bit is set in the bridge control register of the secondary
interface.
PI7C7300D completes the transaction normally.
7.2.4
POSTED WRITE TRANSACTIONS
During downstream posted write transactions, when PI7C7300D responds as a target, it
detects a data parity error on the initiator (primary) bus and the following events occur:
PI7C7300D asserts P_PERR# two cycles after the data transfer, if the parity error
response bit is set in the command register of primary interface.
PI7C7300D sets the parity error detected bit in the status register of the primary
interface.
PI7C7300D captures and forwards the bad parity condition to the secondary bus.
PI7C7300D completes the transaction normally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com