| Electronic Components Datasheet Search |
|
PI7C7300DNA Datasheet(PDF) 37 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI7C7300DNA Datasheet(HTML) 37 Page - Pericom Semiconductor Corporation |
|
37 / 107 page ![]() PI7C7300D 3-PORT PCI-TO-PCI BRIDGE Page 37 of 107 Pericom Semiconductor November 2005 - Revision 1.01 4.9 TRANSACTION TERMINATION This section describes how PI7C7300D returns transaction termination conditions back to the initiator. The initiator can terminate transactions with one of the following types of termination: Normal termination Normal termination occurs when the initiator de-asserts FRAME# at the beginning of the last data phase, and de-asserts IRDY# at the end of the last data phase in conjunction with either TRDY# or STOP# assertion from the target. Master abort A master abort occurs when no target response is detected. When the initiator does not detect a DEVSEL# from the target within five clock cycles after asserting FRAME#, the initiator terminates the transaction with a master abort. If FRAME# is still asserted, the initiator de-asserts FRAME# on the next cycle, and then de-asserts IRDY# on the following cycle. IRDY# must be asserted in the same cycle in which FRAME# de-asserts. If FRAME# is already de-asserted, IRDY# can be de-asserted on the next clock cycle following detection of the master abort condition. The target can terminate transactions with one of the following types of termination: Normal termination TRDY# and DEVSEL# asserted in conjunction with FRAME# de-asserted and IRDY# asserted. Target retry STOP# and DEVSEL# asserted with TRDY# de-asserted during the first data phase. No data transfers occur during the transaction. This transaction must be repeated. Target disconnect with data transfer STOP#, DEVSEL# and TRDY# asserted. It signals that this is the last data transfer of the transaction. Target disconnect without data transfer STOP# and DEVSEL# asserted with TRDY# de-asserted after previous data transfers have been made. Indicates that no more data transfers will be made during this transaction. Target abort STOP# asserted with DEVSEL# and TRDY# de-asserted. Indicates that target will never be able to complete this transaction. DEVSEL# must be asserted for at least one cycle during the transaction before the target abort is signaled. 4.9.1 MASTER TERMINATION INITIATED BY PI7C7300D PI7C7300D, as an initiator, uses normal termination if DEVSEL# is returned by target within five clock cycles of PI7C7300D’s assertion of FRAME# on the target bus. As an initiator, PI7C7300D terminates a transaction when the following conditions are met: During a delayed write transaction, a single DWORD is delivered. During a non-prefetchable read transaction, a single DWORD is transferred from the target. During a prefetchable read transaction, a pre-fetch boundary is reached. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |