| Electronic Components Datasheet Search |
|
PI7C7300DNA Datasheet(PDF) 57 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI7C7300DNA Datasheet(HTML) 57 Page - Pericom Semiconductor Corporation |
|
57 / 107 page ![]() PI7C7300D 3-PORT PCI-TO-PCI BRIDGE Page 57 of 107 Pericom Semiconductor November 2005 - Revision 1.01 Similarly, during upstream posted write transactions, when PI7C7300D responds as a target, it detects a data parity error on the initiator (secondary) bus, the following events occur: PI7C7300D asserts S_PERR# two cycles after the data transfer, if the parity error response bit is set in the bridge control register of the secondary interface. PI7C7300D sets the parity error detected bit in the status register of the secondary interface. PI7C7300D captures and forwards the bad parity condition to the primary bus. PI7C7300D completes the transaction normally. During downstream write transactions, when a data parity error is reported on the target (secondary) bus by the target’s assertion of S_PERR#, the following events occur: PI7C7300D sets the data parity detected bit in the status register of secondary interface, if the parity error response bit is set in the bridge control register of the secondary interface. PI7C7300D asserts P_SERR# and sets the signaled system error bit in the status register, if all the following conditions are met: - The SERR# enable bit is set in the command register. - The posted write parity error bit of P_SERR# event disable register is not set. - The parity error response bit is set in the bridge control register of the secondary interface. - The parity error response bit is set in the command register of the primary interface. - PI7C7300D has not detected the parity error on the primary (initiator) bus which the parity error is not forwarded from the primary bus to the secondary bus. During upstream write transactions, when a data parity error is reported on the target (primary) bus by the target’s assertion of P_PERR#, the following events occur: PI7C7300D sets the data parity detected bit in the status register, if the parity error response bit is set in the command register of the primary interface. PI7C7300D asserts P_SERR# and sets the signaled system error bit in the status register, if all the following conditions are met: - The SERR# enable bit is set in the command register. - The parity error response bit is set in the bridge control register of the secondary interface. - The parity error response bit is set in the command register of the primary interface. - PI7C7300D has not detected the parity error on the secondary (initiator) bus which the parity error is not forwarded from the secondary bus to the primary bus. Assertion of P_SERR# is used to signal the parity error condition when the initiator does not know that the error occurred. Because the data has already been delivered with no errors, there is no other way to signal this information back to the initiator. If the parity error has forwarded from the initiating bus to the target bus, P_SERR# will not be asserted. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |