Electronic Components Datasheet Search
  English  ▼

X  

PI7C7300DNA Datasheet(PDF) 52 Page - Pericom Semiconductor Corporation

Part # PI7C7300DNA
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300DNA Datasheet(HTML) 52 Page - Pericom Semiconductor Corporation

Back Button PI7C7300DNA Datasheet HTML 48Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 49Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 50Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 51Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 52Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 53Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 54Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 55Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 56Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Page 52 of 107
Pericom Semiconductor
November 2005 - Revision 1.01
6.4
DATA SYNCHRONIZATION
Data synchronization refers to the relationship between interrupt signaling and data
delivery. The PCI Local Bus Specification, Revision 2.2, provides the following
alternative methods for synchronizing data and interrupts:
The device signaling the interrupt performs a read of the data just written (software).
The device driver performs a read operation to any register in the interrupting device
before accessing data written by the device (software).
System hardware guarantees that write buffers are flushed before interrupts are
forwarded.
PI7C7300D does not have a hardware mechanism to guarantee data synchronization for
posted write transactions. Therefore, all posted write transactions must be followed by a
read operation, either from the device to the location just written (or some other location
along the same path), or from the device driver to one of the device registers.
7
ERROR HANDLING
PI7C7300D checks, forwards, and generates parity on both the primary and secondary
interfaces. To maintain transparency, PI7C7300D always tries to forward the existing
parity condition on one bus to the other bus, along with address and data. PI7C100
always attempts to be transparent when reporting errors, but this is not always possible,
given the presence of posted data and delayed transactions.
To support error reporting on the PCI bus, PI7C7300D implements the following:
PERR# and SERR# signals on both the primary and secondary interfaces
Primary status and secondary status registers
The device-specific P_SERR# event disable register
This chapter provides detailed information about how PI7C7300D handles errors. It also
describes error status reporting and error operation disabling.
7.1
ADDRESS PARITY ERRORS
PI7C7300D checks address parity for all transactions on both buses, for all address and
all bus commands. When PI7C7300D detects an address parity error on the primary
interface, the following events occur:
If the parity error response bit is set in the command register, PI7C7300D does not
claim the transaction with P_DEVSEL#; this may allow the transaction to terminate
in a master abort. If parity error response bit is not set, PI7C7300D proceeds
normally and accepts the transaction if it is directed to or across PI7C7300D.
PI7C7300D sets the detected parity error bit in the status register.
PI7C7300D asserts P_SERR# and sets signaled system error bit in the status register,
if both the following conditions are met:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com