Electronic Components Datasheet Search
  English  ▼

X  

PI7C7300DNA Datasheet(PDF) 93 Page - Pericom Semiconductor Corporation

Part # PI7C7300DNA
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300DNA Datasheet(HTML) 93 Page - Pericom Semiconductor Corporation

Back Button PI7C7300DNA Datasheet HTML 89Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 90Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 91Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 92Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 93Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 94Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 95Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 96Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 97Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Page 93 of 107
Pericom Semiconductor
November 2005 - Revision 1.01
14.1.48
PRIMARY SUCCESSFUL MEMORY WRITE COUNTER
REGISTER – OFFSET 9Ch
Bit
Function
Type
Description
31:0
Successful
Memory Write
Counts on
Primary
R/W
Stores the successful memory write count on Primary and is updated
when the sampling timer is active.
Reset to 0
14.1.49
CAPABILITY ID REGISTER – OFFSET B0h
Bit
Function
Type
Description
7:0
Capability ID
R/O
Capability ID for slot identification
00h: Reserved
01h: PCI Power Management (PCIPM)
02h: Accelerated Graphics Port (AGP)
03h: Vital Product Data (VPD)
04h: Slot Identification (SI)
05h: Message Signaled Interrupts (MSI)
06h: Compact PCI Hot Swap (CHS)
07h – 255h: Reserved
Reset to 04h
14.1.50
NEXT POINTER REGISTER – OFFSET B0h
Bit
Function
Type
Description
15:8
Next Pointer
R/O
Reset to 1100 0000: next pointer (C0h if HS_EN is 1)
0000 0000: next pointer (00h if HS_EN is 0)
14.1.51
SLOT NUMBER REGISTER – OFFSET B0h
Bit
Function
Type
Description
20:16
Expansion Slot
Number
R/W
Determines expansion slot number
Reset to 0
21
First in Chassis
R/W
First in chassis
Reset to 0
23:22
Reserved
R/O
Reserved. Returns 0 when read. Reset to 0.
14.1.52
CHASSIS NUMBER REGISTER – OFFSET B0h
Bit
Function
Type
Description
31:24
Chassis Number
Register
R/W
Chassis number register.
Reset to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com