Electronic Components Datasheet Search
  English  ▼

X  

PI7C7300DNA Datasheet(PDF) 81 Page - Pericom Semiconductor Corporation

Part # PI7C7300DNA
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300DNA Datasheet(HTML) 81 Page - Pericom Semiconductor Corporation

Back Button PI7C7300DNA Datasheet HTML 77Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 78Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 79Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 80Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 81Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 82Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 83Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 84Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 85Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Page 81 of 107
Pericom Semiconductor
November 2005 - Revision 1.01
Bit
Function
Type
Description
27
Signaled Target
Abort
R/WC
Set to 1 (by a target device) whenever a target abort cycle occurs on
its secondary (S1 or S2) interface
Reset to 0
28
Received Target
Abort
R/WC
Set to 1 (by a master device) whenever transactions on its secondary
(S1 or S2) interface are terminated with target abort
Reset to 0
29
Received Master
Abort
R/WC
Set to 1 (by a master) when transactions on its secondary (S1 or S2)
interface are terminated with Master Abort
Reset to 0
30
Received System
Error
R/WC
Set to 1 when S1_SERR# or S2_SERR# is asserted
Reset to 0
31
Detected Parity
Error
R/WC
Set to 1 when address or data parity error is detected on the
secondary (S1 or S2) interface
Reset to 0
14.1.17
MEMORY BASE REGISTER – OFFSET 20h
Bit
Function
Type
Description
3:0
R/O
Lower four bits of register are read only and return 0.
Reset to 0
15:4
Memory Base
Address [15:4]
R/W
Defines the bottom address of an address range for the bridge to
determine when to forward memory transactions from one interface
to the other. The upper 12 bits correspond to address bits [31:20]
and are writable. The lower 20 bits corresponding to address bits
[19:0] are assumed to be 0.
Reset to 0
14.1.18
MEMORY LIMIT REGISTER – OFFSET 20h
Bit
Function
Type
Description
19:16
R/O
Lower four bits of register are read only and return 0.
Reset to 0
31:20
Memory Limit
Address [31:20]
R/W
Defines the top address of an address range for the bridge to
determine when to forward memory transactions from one interface
to the other. The upper 12 bits correspond to address bits [31:20]
and are writable. The lower 20 bits corresponding to address bits
[19:0] are assumed to be FFFFFh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com