Electronic Components Datasheet Search
  English  ▼

X  

PI7C7300DNA Datasheet(PDF) 44 Page - Pericom Semiconductor Corporation

Part # PI7C7300DNA
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300DNA Datasheet(HTML) 44 Page - Pericom Semiconductor Corporation

Back Button PI7C7300DNA Datasheet HTML 40Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 41Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 42Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 43Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 44Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 45Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 46Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 47Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 48Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Page 44 of 107
Pericom Semiconductor
November 2005 - Revision 1.01
transactions are ongoing on the secondary bus, PI7C7300D response to the secondary
bus I/O transactions is not predictable. Configure the I/O base and limit address
registers, ISA enable bit, VGA mode bit, and VGA snoop bit before setting I/O enable
and master enable bits, and change them subsequently only when the primary and
secondary PCI buses are idle.
5.2.1
I/O BASE AND LIMIT ADDRESS REGISTER
PI7C7300D implements one set of I/O base and limit address registers in configuration
space that define an I/O address range per port downstream forwarding. PI7C7300D
supports 32-bit I/O addressing, which allows I/O addresses downstream of PI7C7300D
to be mapped anywhere in a 4GB I/O address space.
I/O transactions with addresses that fall inside the range defined by the I/O base and limit
registers are forwarded downstream from the primary PCI bus to the secondary PCI bus.
I/O transactions with addresses that fall outside this range are forwarded upstream from
the secondary PCI bus to the primary PCI bus.
The I/O range can be turned off by setting the I/O base address to a value greater than
that of the I/O limit address. When the I/O range is turned off, all I/O trans-actions are
forwarded upstream, and no I/O transactions are forwarded downstream. The I/O range
has a minimum granularity of 4KB and is aligned on a 4KB boundary. The maximum I/O
range is 4GB in size. The I/O base register consists of an 8-bit field at configuration
address 1Ch, and a 16-bit field at address 30h. The top 4 bits of the 8-bit field define bits
[15:12] of the I/O base address.
The bottom 4 bits read only as 1h to indicate that PI7C7300D supports 32-bit I/O
addressing. Bits [11:0] of the base address are assumed to be 0, which naturally aligns
the base address to a 4KB boundary. The 16 bits contained in the I/O base upper 16 bits
register at configuration offset 30h define AD[31:16] of the I/O base address. All 16 bits
are read/write. After primary bus reset or chip reset, the value of the I/O base address is
initialized to 0000 0000h.
The I/O limit register consists of an 8-bit field at configuration offset 1Dh and a 16-bit
field at offset 32h. The top 4 bits of the 8-bit field define bits [15:12] of the I/O limit
address. The bottom 4 bits read only as 1h to indicate that 32-bit I/O addressing is
supported. Bits [11:0] of the limit address are assumed to be FFFh, which naturally aligns
the limit address to the top of a 4KB I/O address block. The 16 bits contained in the I/O
limit upper 16 bits register at configuration offset 32h define AD[31:16] of the I/O limit
address. All 16 bits are read/write. After primary bus reset or chip reset, the value of the
I/O limit address is reset to 0000 0FFFh.
Note: The initial states of the I/O base and I/O limit address registers define an I/O range
of 0000 0000h to 0000 0FFFh, which is the bottom 4KB of I/O space. Write these
registers with their appropriate values before setting either the I/O enable bit or the
master enable bit in the command register in configuration space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com