Electronic Components Datasheet Search
  English  ▼

X  

PI7C7300DNA Datasheet(PDF) 42 Page - Pericom Semiconductor Corporation

Part # PI7C7300DNA
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300DNA Datasheet(HTML) 42 Page - Pericom Semiconductor Corporation

Back Button PI7C7300DNA Datasheet HTML 38Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 39Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 40Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 41Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 42Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 43Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 44Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 45Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 46Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Page 42 of 107
Pericom Semiconductor
November 2005 - Revision 1.01
When a target retry is returned to the initiator of a delayed transaction, the initiator must
repeat the transaction with the same address and bus command as well as the data if it is
a write transaction, within the time frame specified by the master timeout value.
Otherwise, the transaction is discarded from the buffers.
4.9.4.2
TARGET DISCONNECT
PI7C7300D returns a target disconnect to an initiator when one of the following
conditions is met:
PI7C7300D hits an internal address boundary.
PI7C7300D cannot accept any more write data.
PI7C7300D has no more read data to deliver.
See Section 4.6.4 for a description of write address boundaries, and Section 4.7.3 for a
description of read address boundaries.
4.9.4.3
TARGET ABORT
PI7C7300D returns a target abort to an initiator when one of the following conditions is
met:
PI7C7300D is returning a target abort from the intended target.
When PI7C7300D returns a target abort to the initiator, it sets the signaled target abort
bit in the status register corresponding to the initiator interface.
4.10
CONCURRENT MODE OPERATION
The Bridge can be configured to run in concurrent operation. Concurrent operation is
defined as cycles going from one device on one secondary bus to another device on the
same or other secondary bus. This off-loads traffic from the primary bus, allowing other
traffic to run on the primary bus concurrently.
The Bridge is already configured to handle concurrent operation. However, the devices
themselves need to be configured to do so. Meaning, device drivers for the specific
device used will have to be configured to perform the operation. Please see section 5.1
for more information on addressing.
5
ADDRESS DECODING
PI7C7300D uses three address ranges that control I/O and memory transaction
forwarding. These address ranges are defined by base and limit address registers in the
configuration space. This chapter describes these address ranges, as well as ISA-mode
and VGA-addressing support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com