Electronic Components Datasheet Search
  English  ▼

X  

PI7C7300DNA Datasheet(PDF) 53 Page - Pericom Semiconductor Corporation

Part # PI7C7300DNA
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300DNA Datasheet(HTML) 53 Page - Pericom Semiconductor Corporation

Back Button PI7C7300DNA Datasheet HTML 49Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 50Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 51Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 52Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 53Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 54Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 55Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 56Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 57Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Page 53 of 107
Pericom Semiconductor
November 2005 - Revision 1.01
-
The SERR# enable bit is set in the command register.
-
The parity error response bit is set in the command register.
When PI7C7300D detects an address parity error on the secondary interface, the
following events occur:
If the parity error response bit is set in the bridge control register, PI7C7300D does
not claim the transaction with S1_DEVSEL# or S2_DEVSEL#; this may allow the
transaction to terminate in a master abort. If parity error response bit is not set,
PI7C7300D proceeds normally and accepts transaction if it is directed to or across
PI7C7300D.
PI7C7300D sets the detected parity error bit in the secondary status register.
PI7C7300D asserts P_SERR# and sets signaled system error bit in status register, if
both of the following conditions are met:
-
The SERR# enable bit is set in the command register.
-
The parity error response bit is set in the bridge control register.
7.2
DATA PARITY ERRORS
When forwarding transactions, PI7C7300D attempts to pass the data parity condition
from one interface to the other unchanged, whenever possible, to allow the master and
target devices to handle the error condition.
The following sections describe, for each type of transaction, the sequence of events that
occurs when a parity error is detected and the way in which the parity condition is
forwarded across PI7C7300D.
7.2.1
CONFIGURATION WRITE TRANSACTIONS TO
CONFIGURATION SPACE
When PI7C7300D detects a data parity error during a Type 0 configuration write
transaction to PI7C7300D configuration space, the following events occur:
If the parity error response bit is set in the command register, PI7C7300D asserts
P_TRDY# and writes the data to the configuration register. PI7C7300D also asserts
P_PERR#. If the parity error response bit is not set, PI7C7300D does not assert
P_PERR#.
PI7C7300D sets the detected parity error bit in the status register, regardless of the
state of the parity error response bit.
7.2.2
READ TRANSACTIONS
When PI7C7300D detects a parity error during a read transaction, the target drives data
and data parity, and the initiator checks parity and conditionally asserts PERR#.
For downstream transactions, when PI7C7300D detects a read data parity error on the
secondary bus, the following events occur:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com