Electronic Components Datasheet Search
  English  ▼

X  

PI7C7300DNA Datasheet(PDF) 103 Page - Pericom Semiconductor Corporation

Part # PI7C7300DNA
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300DNA Datasheet(HTML) 103 Page - Pericom Semiconductor Corporation

Back Button PI7C7300DNA Datasheet HTML 99Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 100Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 101Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 102Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 103Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 104Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 105Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 106Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 107Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 103 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Page 103 of 107
Pericom Semiconductor
November 2005 - Revision 1.01
Order
Pin Names
Type
Order
Pin Names
Type
172
S1_AD[26]
control
234
S2_AD[9]
control
173
S1_AD[22]
bidir
235
S2_AD[11]
bidir
174
S1_AD[22]
control
236
S2_AD[11]
control
175
S1_AD[25]
bidir
237
S1_M66EN
Input
176
S1_AD[25]
control
238
S2_AD[12]
bidir
177
S1_AD[29]
bidir
239
S2_AD[12]
control
178
S1_AD[29]
control
240
S2_AD[14]
bidir
179
S1_AD[21]
bidir
241
S2_AD[14]
control
180
S1_AD[21]
control
242
S2_CBE[1]
bidir
181
S1_AD[28]
bidir
243
S2_CBE[1]
control
244
S2_AD[15]
bidir
282
S2_AD[23]
bidir
245
S2_AD[15]
control
283
S2_AD[23]
control
246
S2_PAR
bidir
284
S2_CBE[3]
bidir
247
S2_PAR
control
285
S2_CBE[3]
control
248
S2_SERR#
input
286
S2_AD[25]
bidir
249
S2_LOCK#
bidir
287
S2_AD[25]
control
250
S2_LOCK#
control
288
S2_AD[26]
bidir
251
S2_TRDY#
bidir
289
S2_AD[26]
control
252
S2_DEVSEL#/S2_TRDY#
control
290
S2_AD[28]
bidir
253
S2_STOP#
bidir
291
S2_AD[28]
control
254
S2_STOP#
control
292
S2_AD[27]
bidir
255
S2_IRDY#
bidir
293
S2_AD[27]
control
256
S2_IRDY#
control
294
S2_AD[29]
bidir
257
S2_CBE[2]
bidir
295
S2_AD[29]
control
258
S2_CBE[2]
control
296
S2_AD[30]
bidir
259
S2_AD[13]
bidir
297
S2_AD[30]
control
260
S2_AD[13]
control
298
S2_AD[31]
bidir
261
S2_AD[21]
bidir
299
S2_AD[31]
control
262
S2_AD[21]
control
300
S2_GNT#[0]
output
263
S2_PERR#
bidir
301
S2_GNT#[0]
control
264
S2_PERR#
control
302
S2_REQ#[0]
input
265
S2_AD[16]
bidir
303
S2_REQ#[1]
input
266
S2_AD[16]
control
304
S2_GNT#[1]
output
267
S2_FRAME#
bidir
305
S2_GNT#[2]
output
268
S2_FRAME#
control
306
S2_REQ#[2]
input
269
S2_DEVSEL#
bidir
307
S2_REQ#[3]
input
270
S2_AD[19]
bidir
308
S2_GNT#[3]
output
271
S2_AD[19]
control
309
S2_GNT#[4]
output
Order
Pin Names
Type
Order
Pin Names
Type
272
S2_AD[17]
bidir
310
S2_REQ#[4]
input
273
S2_AD[17]
control
311
S2_REQ#[5]
input
274
S2_AD[18]
bidir
312
S2_GNT#[5]
output
275
S2_AD[18]
control
313
S2_GNT#[6]
output
276
S2_AD[20]
bidir
314
S2_REQ#[6]
input
277
S2_AD[20]
control
278
S2_AD[22]
bidir
279
S2_AD[22]
control
280
S2_AD[24]
bidir
281
S2_AD[24]
control
17
ELECTRICAL AND TIMING SPECIFICATIONS
17.1
MAXIMUM RATINGS
(Above which the useful life may be impaired. For user guidelines, not tested).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com