Electronic Components Datasheet Search
  English  ▼

X  

DP83924 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83924
Description  Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83924 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button DP83924 Datasheet HTML 20Page - National Semiconductor (TI) DP83924 Datasheet HTML 21Page - National Semiconductor (TI) DP83924 Datasheet HTML 22Page - National Semiconductor (TI) DP83924 Datasheet HTML 23Page - National Semiconductor (TI) DP83924 Datasheet HTML 24Page - National Semiconductor (TI) DP83924 Datasheet HTML 25Page - National Semiconductor (TI) DP83924 Datasheet HTML 26Page - National Semiconductor (TI) DP83924 Datasheet HTML 27Page - National Semiconductor (TI) DP83924 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
24
www.national.com
4.0 Register Descriptions (Continued)
This register controls the Auto-Negotiation functions and reports status for this port.
This register indicates the current revision of this silicon.
Table 14. Basic Mode Control/Status Register, addr 09 - 0CH (port 1 to port 4)
D15 : D5
D4
D3
D2
D1
D0
RESV
ANCA
RF
ANC
RAN
ANE
Name
Bit
Description
Type
resv
D15:5
Reserved
R
ANCA
D4
Auto-Negotiation Configuration Ability:
1 = Capable of Auto-Negotiation.
0 = Not capable of Auto-Negotiation.
R
RF
D3
Remote Fault:
1 = Remote Fault detected or reported by Link Partner
0 = No fault detected.
R
ANC
D2
Auto-Negotiation Complete:
1 = Auto-Negotiation completed.
0 = Auto-Negotiation not completed.
R
RAN
D1
Restart Auto-Negotiation:
1 = Restart Auto-Negotiation. ( This bit has to be first reset and then set to be able
to restart Auto-Negotiation)
0 = Normal operation.
R/W
ANE
D0
Auto-Negotiation Enable:
1 = Auto-Negotiation enabled.
0 = Auto-Negotiation disabled.
R/W
Table 15. Silicon Revision Register, addr = 0Dh
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
000000000
0000000
Name
Bit
Description
Type
ID
D15-0
Revision ID: 16’h0001
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com