Electronic Components Datasheet Search
  English  ▼

X  

DP83924 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83924
Description  Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83924 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button DP83924 Datasheet HTML 21Page - National Semiconductor (TI) DP83924 Datasheet HTML 22Page - National Semiconductor (TI) DP83924 Datasheet HTML 23Page - National Semiconductor (TI) DP83924 Datasheet HTML 24Page - National Semiconductor (TI) DP83924 Datasheet HTML 25Page - National Semiconductor (TI) DP83924 Datasheet HTML 26Page - National Semiconductor (TI) DP83924 Datasheet HTML 27Page - National Semiconductor (TI) DP83924 Datasheet HTML 28Page - National Semiconductor (TI) DP83924 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
25
www.national.com
4.0 Register Descriptions (Continued)
This register contains the advertised abilities of this device as they will be transmitted to it’s Link Partner during Auto-
Negotiation.
This register contains the advertised abilities of the Link Partner during Auto-Negotiation.
Table 16. Auto-Negotiation Advertisement Register, addr 0EH - 11H (port 1 to port 4)
D15
D14
D13
D12:7
D6
D5
D4:D0
NPI
RESV
RF
RESV
FDX
HDX
RESV
Name
Bit
Description
Type
NPI
D15
Next Page Indication:
0 = Next Page Transfer not desired.
1 = Next Page Transfer desired.
R/W
resv
D14
Reserved
R
RF
D13
Remote Fault:
1 = Advertises that this device has detected a remote fault.
0 = No remote fault detected.
R/W
resv
D12:7
Reserved
R
FDX
D6
Full Duplex Capable:
1 = 10BASE-T Full Duplex supported by the local device.
0 = 10BASE-T Full Duplex not supported.
The strap option on pins FDX[4:1] have no effect on what is advertised during auto-
negotiation
R/W
HDX
D5
Half Duplex Capable:
1 = 10BASE-T Half Duplex supported by the local device.
0 = 10BASE-T Half Duplex not supported.
R/W
resv
D4:0
Reserved
R
Table 17. Auto-Negotiation Link Partner Ability Register, addr 12H - 15H (port 1 to port 4)
D15
D14
D13
D12:7
D6
D5
D4:D0
NPI
ACK
RF
RESV
FDX
HDX
PRO
Name
Bit
Description
Type
NPI
D15
Next Page Indication:
0 = The Link Partner does not desire a Next Page Transfer.
1 = The Link Partner desires a Next Page Transfer.
R
ACK
D14
Acknowledge:
1 = Link Partner acknowledges the reception of the ability data word.
0 = Not acknowledged.
R
RF
D13
Remote Fault:
1 = Remote Fault indicated by Link Partner.
0 = No remote fault reported by Link Partner.
R
resv
D12:7
Reserved
R
FDX
D6
Full Duplex Capable:
1 = 10BASE-T Full Duplex supported by Link Partner.
0 = 10BASE-T Full Duplex not supported by Link Partner.
R
HDX
D5
Half Duplex Capable:
1 = 10BASE-T Half Duplex supported by Link Partner.
0 = 10BASE-T Half Duplex not supported by Link Partner.
R
PRO
D4:0
Protocol Selection Bits: Link Partners binary encoded protocol selector.
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com