Electronic Components Datasheet Search
  English  ▼

X  

DP83924 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83924
Description  Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83924 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button DP83924 Datasheet HTML 22Page - National Semiconductor (TI) DP83924 Datasheet HTML 23Page - National Semiconductor (TI) DP83924 Datasheet HTML 24Page - National Semiconductor (TI) DP83924 Datasheet HTML 25Page - National Semiconductor (TI) DP83924 Datasheet HTML 26Page - National Semiconductor (TI) DP83924 Datasheet HTML 27Page - National Semiconductor (TI) DP83924 Datasheet HTML 28Page - National Semiconductor (TI) DP83924 Datasheet HTML 29Page - National Semiconductor (TI) DP83924 Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
26
www.national.com
4.0 Register Descriptions (Continued)
Table 18. Auto-Negotiation Expansion Register, addr 16H - 19H (port 1 to port 4)
D15:D5
D4
D3
D2
D1
D0
RESV
PDF
LPNPA
NPA
PRX
LPANA
Name
Bit
Description
Type
resv
D15:5
Reserved
R
PDF
D4
Parallel Detection Fault:
1 = A fault has been detected via parallel detection.
0 = No fault detected via parallel detection.
R
LPNPA
D3
Link Partner Next Page Able:
1 = Link Partner supports Next Page negotiation.
0 = Link Partner does not.
R
NPA
D2
Next Page Able:
1 = The local device is able to send additional Next Pages.
0 = The local device is not able.
R
PRX
D1
Page Received:
1 = New Link Code Word Page received. Cleared on read.
0 = New Link Code Word Page not received.
R
LPANA
D0
Link Partner Auto-Negotiation Able:
1 = Link Partner supports Auto-Negotiation.
0 = Link Partner does not support Auto-Negotiation.
R
Table 19. Auto-Negotiation Next Page Transmit Register, addr 1AH - 1DH (port 1 to port 4)
D15:D5
D14
D13
D12
D11
D10:0
NPI
RESV
MP
ACK2
TOG
CODE
Name
Bit
Description
Type
NP
D15
Next Page Indication:
1 = No other Next Page transfers desired.
0 = Another Next Page transfer is desired.
R/W
resv
D14
Reserved
R
MP
D13
Message Page:
1 = Message Page.
0 = Unformatted Page.
R/W
ACK2
D12
Acknowledge2:
1 = Will comply with message.
0 = Cannot comply with message.
R/W
TOG
D11
Toggle:
1 = Previous value of transmitted Link Code Word was ‘0’.
0 = Previous value of transmitted Link Code Word was ‘1’.
R
CODE
D10:0
Code: This field represents the code field of the Next Page transmission.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com