Electronic Components Datasheet Search
  English  ▼

X  

DP83924 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83924
Description  Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83924 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button DP83924 Datasheet HTML 6Page - National Semiconductor (TI) DP83924 Datasheet HTML 7Page - National Semiconductor (TI) DP83924 Datasheet HTML 8Page - National Semiconductor (TI) DP83924 Datasheet HTML 9Page - National Semiconductor (TI) DP83924 Datasheet HTML 10Page - National Semiconductor (TI) DP83924 Datasheet HTML 11Page - National Semiconductor (TI) DP83924 Datasheet HTML 12Page - National Semiconductor (TI) DP83924 Datasheet HTML 13Page - National Semiconductor (TI) DP83924 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
2.0 Interface Descriptions (Continued)
10
www.national.com
In addition to the compatibility mode options, the recovered
clock (RXC) is selectable for 5 RXCs after the deassertion
of carrier sense (CRS) or for continuous RXCs after the
deassertion of CRS. This is programmable through the
serial MII or through the COL[4] strapping option only when
the device is in the NSC mode.
2.3 LED Interface
The LED interface consists of two modes. The first option,
normal LED mode, requires an external 8-bit shift register.
During every LED update cycle, 8-bits are shifted out to the
external shift registers. This allows two LEDs per port. One
LED indicates activity (TX or RX) and the second indicates
port status (per Table 8). The status LEDs will blink at dif-
ferent rates depending on the associated ports status.If a
port experiences both Bad Polarity and Link Lost, then the
LEDs will go to the fast blink state (i.e. Link Lost). Port
activity and status are shifted out port 1 first. The LED
update rate is every 50ms. The LED clock rate is 1MHz. All
port activity is extended to 50ms to make it visible. Data is
valid on the rising edge of LED_CLK and is active low.
Refer to Figur e4
The second option, enhanced LED mode, serially shifts a
16-bit stream out of the 4TPHY. This option outputs per
port data for RX, TX, Full Duplex (FDX), and LinkCoded
status. These four bits per port can be used to support two
LEDs. One is a bi-color LED (decode of the FDX and Link-
Coded bits) to indicate LINK status and duplex status as
shown in Table 9. The second LED indicates activity (TX or
RX). As with the first LED option, port 1 status is shifted out
first and the data is active low. Refer to F igure5 for the tim-
ing sequence
To select the desired LED mode, the COL [1] pin has a
strapping feature. If COL[1] is a logic ‘0’ during reset, then
“enhanced” LED mode is enabled. If COL[1] is a logic ‘1’
during reset, then “normal” LED mode is enabled
(Application note:) During the update cycle data coming out
of the shift register is not going to be valid until the cycle is
completed and all the bits are shifted in place. These out-
puts should not be used to directly control a MAC unless
the shift register outputs are latched during the update
cycle. See Section 5.3 o n page28.
2.4 Network Interface
2.4.1 Twisted Pair Interface
The Quad 10Mb/s Transceiver provides two buffered and
filtered 10Base-T transmit outputs (for each port) that are
connected to the output isolation transformer via two
impedance matching resistor/capacitor networks. See
Figur e6. The twisted pair receiver implements an intelli-
gent receive squelch on the RXI+ differential inputs to
ensure that impulse noise on the receive inputs will not be
mistaken for a valid signal. This smart squelch circuitry
(which is described in detail under the Functional Descrip-
tion) employs a combination of amplitude and timing mea-
surements to determine the validity of data on the twisted
pair inputs. Only after these conditions have been satisfied
will Carrier Sense (CRS) be generated to indicate that valid
data is present.
2.4.2 Attachment Unit Interface
A single port (port 1) on the transceiver has a separate
(non- multiplexed) AUI interface. This interface is a full
802.3 standard AUI interface capable of driving the full 50m
cable. The schematic for connecting this interface to the
AUI connector is shown in Fi gure7.
Figure 3. NRZ Interface Timing Diagram (NSC mode)
COL
TXC
TXE
TXD
Setup
Hold
5 Clocks
RXC
CRS
RXD
Setup
Hold
Transmit Interface SIgnals
Receive Interface Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com