Electronic Components Datasheet Search
  English  ▼

X  

DP83924 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83924
Description  Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83924 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button DP83924 Datasheet HTML 25Page - National Semiconductor (TI) DP83924 Datasheet HTML 26Page - National Semiconductor (TI) DP83924 Datasheet HTML 27Page - National Semiconductor (TI) DP83924 Datasheet HTML 28Page - National Semiconductor (TI) DP83924 Datasheet HTML 29Page - National Semiconductor (TI) DP83924 Datasheet HTML 30Page - National Semiconductor (TI) DP83924 Datasheet HTML 31Page - National Semiconductor (TI) DP83924 Datasheet HTML 32Page - National Semiconductor (TI) DP83924 Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
29
www.national.com
6.0 User Information
6.1 CRS Assertion Connected to a 100M Node
Issue:
CRS may be asserted when connected to a non-AutoNe-
gotiating, 100Mb/s node and the DP83924B is also in the
non-AutoNegotiating mode. The 4TPHY could also estab-
lish link as a result of 100 Mb/s scrambled IDLEs. The LED
could also indicate receive activity.
(All of the above are IEEE 802.3 compliant and included in
the User Info Sheet for clarification purposes.)
Description:
When connected to a 100M node that is configured into
non Auto Negotiation mode, the scrambled Idles transmit-
ted by this 100M node may cause the DP83924B to assert
CRS.
Since 100 Mbps scrambled idles can have waveforms
passing the smart squelch levels and frequency require-
ments, this is to be expected. Also IEEE 802.3 Clause 14,
Figure 14.6 shows that it’s permissible to indicate “link test
pass” based on receive data activity even in the absence of
link pulses.
In Auto-negotiation mode, activity on the receive line will
not cause “link test pass” state to be entered.
Compatibility:
This behavior is consistent with the DP83924A, which is a
non-Auto Negotiating device.
Impact:
Problem can be resolved by enabling Auto-Negotiation via
the BMCSR or through the strap option during reset.
Die Revision Plan:
The non Auto-negotiation behavior of the 4TPHY is consis-
tent with IEEE 802.3 and doesn’t require any fix.
6.2 Link Fail Inhibit Timer
Problem:
The DP83924B's Link Fail Inhibit Timer within the
Auto_Negotiation block can time-out after 650ms rather
than the 750ms minimum specified in 802.3u, Clause 28.
(Based on simulation results)
Description:
The Link Fail Inhibit Timer, which monitors whether a valid
link has been established at the end of either an FLP
exchanger a parallel detection, may expire after 650 ms in
DP83924B.
Impact:
There is no current solution to this problem, however, there
should be no decrease in performance due to this anom-
aly.The 10 Mb negotiation will resolve within ~250 ms max
for a parallel detection, and within ~440 ms max based on
FLP detection. In both cases, it is well within the 650 ms
allowed by the Link Fail Inhibit Timer.
Die Revision Plan:
There are currently no plans. Although the DP83924B does
not meet the 750 ms minimum specified in IEEE 802.3u,
this should not affect functionality in an otherwise compli-
ant system environment.
6.3 Lockup during duplex mode change:
Problem:
The 4TPHY can lock up during change of the duplex mode
from half duplex to full duplex.
Description:
If a port is transmitting and receiving while the duplex mode
of that port is changed from half duplex to full duplex then
the receive logic of the port will lock up. (The duplex mode
can be changed by writing to the port register or by direct
control of the duplex mode by using the FDX_n pins while
in enhanced full duplex mode. In either method the lockup
problem is seen) While locked up, CRS will stay high even
if the cable is disconnected. A hard reset will resume regu-
lar operation.
Impact:
The users should disable transmit before changing the
duplex status.
Die Revision Plan:
None.
6.4 Start of TP_IDL, 45 Bit Times to 50 mV:
Problem:
TP_IDL output should settle to a value between ±50 mV
within 45 BT of the last bit transmitted. The level is typically
+/- 80 mV.
Description:
The IEEE 802.3 specification defines that the output wave-
form should settle to +50mV, 45 bit times after the last low
to high transition of a transmitted packet. This parameter is
typically +/- 80mV.
Impact:
We expect no customer impact.
Die Revision Plan:
None.
6.5 Polarity detection:
Issue:
The 924B polarity detection is based onNLPs only. It will
not detect polarity inversion based on packet data.
Description:
The 4TPHY will automatically detect and correct wiring
polarity reversal on the UTP receive pins. To be able to do
this it has to see seven consecutive NLPs with the wrong
polarity. It would not detect polarity errors based on data.
Impact:
If the link partner starts sending packets before the 4TPHY
receives 7 consecutive inverted polarity NLPs then the
4TPHY will not be able to detect/correct polarity errors until
there is a gap between packets such that 7 consecutive
NLPs are received.
Die Revision Plan:
None.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com