Electronic Components Datasheet Search
  English  ▼

X  

DP83924 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83924
Description  Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83924 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button DP83924 Datasheet HTML 23Page - National Semiconductor (TI) DP83924 Datasheet HTML 24Page - National Semiconductor (TI) DP83924 Datasheet HTML 25Page - National Semiconductor (TI) DP83924 Datasheet HTML 26Page - National Semiconductor (TI) DP83924 Datasheet HTML 27Page - National Semiconductor (TI) DP83924 Datasheet HTML 28Page - National Semiconductor (TI) DP83924 Datasheet HTML 29Page - National Semiconductor (TI) DP83924 Datasheet HTML 30Page - National Semiconductor (TI) DP83924 Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
27
www.national.com
5.0 Application Information
5.1 Magnetics Specifications
This section describes the required magnetics to be used
with the 4TPHY. The external filter/transformer used in con-
ventional twisted pair ports is now replaced by a trans-
former. By integrating the transmit filter, the transformer is
the only magnetics required. In this configuration, a trans-
former with 1:2 turn ratio on the transmit path and a 1:1
turn ratio on the receive path is required. The system
designer must determine if a choke is required. Careful lay-
out may eliminate the need.
The following is a list of suppliers that may provide mag-
netic components with the electrical specifications listed in
Tabl e20. This is not an exclusive list and National Semi-
conductor makes no warranty as to the suitability of any of
the magnetics. It is the responsibility of the user to verify
the performance of any magnetics prior to production use.
BEL FUSE
HALO Electronics
PCA
PULSE Engineering
VALOR Electronic
5.2 Layout Considerations
5.2.1 Power Plane
— Minimize signal traces which traverse across multiple is-
lands to reduce reflections and impedance mismatches.
Therefore, the ground should extend from the 4TPHY to
under the magnetics (transformer).
— Use a single power plane.
5.2.2 Ground Plane
— Use a single ground plane, similar to the Power Plane.
5.2.3 4TPHY Placement and Routing
— The 4TPHY should be placed as close as possible to the
external transformer module/RJ45 connector.
— Each trace of a differential pair (i.e. TXU+, TXU-) between
the 4TPHY and the transformer module should be as fol-
lows:
RX +/- pair trace lengths should be matched. The width
should be 8 mils min, with a trace-to-trace spacing of 8
mils min.
TX+/- pair trace lengths should be matched. The width
should be 15 mils min, with a trace-to-trace spacing of 15
mils min (if the total trace length between the 4TPHY and
the RJ45 connector is less than 1.5”, then 8 mil spacing
and width can be used).
The TX and RX spacing should be 15 mils min.
— The source termination (R,C) must be placed as close to
the device as possible.
— 100
Ω traces between the transformer module and the
RJ45 connector.
5.2.4 Analog Power and Ground Circuit
Recommended low pass filter for the Analog PLL and
Waveshaper circuitry to eliminate any power supply
injected noise. (There is no need to filter the digital PLL
pins 62-67) This should improve jitter performance. Refer
to Figur e14.
Figure 13. Typical Dual Transformer Pinout
1:2
1:1
TX
RX
1
2
3
413
14
15
16
1:2
1:1
TX
RX
5
6
7
89
10
11
12
Network si
IC Side
Table 20. Transformer Electrical Specifications
Parameter
Pins
Value
Open Circuit In-
ductance (OCL)
3-4, 5-6
50 uH (min)
1-2, 7-8, 9-10, 11-
12, 13-14, 15-16.
200 uH (min)
Inter-winding Ca-
pacitance (Cww)
1-2 to 15-16,
3-4 to 13-14
5-6 to 11-12
7-8 to 9-10
12 pF (max)
Leakage Induc-
tance (LL)
1-2, short 15-16
3-4, short 13-14
5-6, short 11-12
7-8, short 9-10
0.3 uH(max)
DC Resistance
(DCR)
3-4, 5-6
0.35
Ω (max)
1-2, 7-8, 9-10, 15-
16.
0.5
Ω (max)
11-12, 13-14
1.0
Ω (max)
High Potential
1-2 to 15-16
3-4 to 13-14
5-6 to 11-12
7-8 to 9-10
2000 Vrms for 1
min.
Figure 14. Pins 68-69 and 31-32 circuit diagram
22 uF
VDD
VDD_WSPLL
4TPHY
0.1 uF
(VDD_WS)
10
Ω
GND_WSPLL
(GND_WS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com