Electronic Components Datasheet Search
  English  ▼

X  

DP83924 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83924
Description  Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83924 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button DP83924 Datasheet HTML 11Page - National Semiconductor (TI) DP83924 Datasheet HTML 12Page - National Semiconductor (TI) DP83924 Datasheet HTML 13Page - National Semiconductor (TI) DP83924 Datasheet HTML 14Page - National Semiconductor (TI) DP83924 Datasheet HTML 15Page - National Semiconductor (TI) DP83924 Datasheet HTML 16Page - National Semiconductor (TI) DP83924 Datasheet HTML 17Page - National Semiconductor (TI) DP83924 Datasheet HTML 18Page - National Semiconductor (TI) DP83924 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
3.0 Detailed Functional Description (Continued)
15
www.national.com
1:2 (1 on the chip side and 2 on the cable side) isolation
transformer.
3.2 ENDEC Module
The ENDEC consists of two major blocks:
— The Manchester encoder accepts NRZ data from the
controller, encodes the data to Manchester, and trans-
mits it differentially to the transceiver, through the differ-
ential transmit driver.
— The Manchester decoder receives Manchester data
from the transceiver, converts it to NRZ data and recov-
ers clock pulses and sends them to the controller.
3.2.8 Manchester Encoder and Differential Driver
The encoder begins operation when the Transmit Enable
input (TXE) goes high and converts the clock and NRZ
data to Manchester data for the transceiver. For the dura-
tion of TXE remaining high, the Transmit Data (TXD) is
encoded for the transmit-driver pair (TX ±). TXD must be
valid on the rising edge of Transmit Clock (TXC). Transmis-
sion ends when TXE goes low. The last transition is always
positive; it occurs at the center of the bit cell if the last bit is
a one, or at the end of the bit cell if the last bit is a zero.
3.2.9 Manchester Decoder
The decoder consists of a differential receiver and a PLL to
separate the Manchester encoded data stream into inter-
nal clock signals and data. Once the input exceeds the
squelch requirements, Carrier Sense (CRS) is asserted off
the first edge presented to the decoder. Once the decoder
has locked onto the incoming data stream, it provides data
(RXD) and clock (RXC) to the MAC.
The decoder detects the end of a frame when no more
mid-bit transitions are detected. Typically, within one and a
half bit times after the last bit, carrier sense is de-asserted.
Receive clock stays active for at least five more bit times
after CRS goes low, to guarantee the receive timings of the
controller.
The GATERXC bit, D0, in the Global Control and Status
Register, controls the receive clock (RXC) gated function.
This allows the selection between 5 RXCs after the deas-
sertion of carrier sense (CRS) or continuous RXCs after
the deassertion of CRS. S ee Figure10. The GATERXC
function which is programmable through the serial man-
agement interface is also available via a strap option. The
default mode is to enable 5 RXCs after the deassertion of
CRS. If a 2.7 k
Ω resistor is connected to the COL[4] pin
(and the device is reset), then the continuous RXCs mode
is enabled. There is a third RXC Mode which is used for
certain MACs. In this mode there are no RXC clocks added
after CRS deassertion. Please se e T able7 on page11
3.2.10 Collision Translator/Decoder
When in AUI Mode and the external Ethernet transceiver
detects a collision, it generates a 10 MHz signal to the dif-
ferential collision inputs (CD ±) of the 4TPHY. When these
inputs are detected active, the transceiver asserts COL
which signals the MAC controller to back off its current
transmission and reschedule another one.
The differential collision inputs are terminated the same
way as the differential receive inputs. The squelch circuitry
is the same, rejecting pulses with levels less than +160mV.
3.3 Additional Features
3.3.11 Transceiver Loopback
When diagnostic loopback is programmed (in twisted pair
mode), the transceiver redirects its transmitted data back
into its receive path. The transmit driver and receive input
circuitry are disabled in diagnostic loopback mode, hence,
the transceiver is isolated from the network cable. This
allows for diagnostic testing of the data path all the way up
to the transceiver without transmitting or being interrupted
by the media. This test can be performed regardless of the
link status (i.e. a twisted pair cable does not have to be
connected to perform transceiver loopback).
3.3.12 AUI/TP AutoSwitching - Port 1
The AUI/TP autoswitching lets the transceiver auto-switch
between the AUI and TP outputs. At power up, the
autoswitch function is enabled (AUTOSW bit = 1). When
the auto-switch function is enabled, it allows the transceiver
to automatically switch between TP and AUI outputs. If
there is an absence of link pulses, the transceiver will
switch to AUI mode. Similarly, when the transceiver starts
detecting link pulses it will switch to TP mode. The switch-
ing from one mode to the next is only done after the current
packet has been transmitted or received. If the twisted pair
output is jabbering and it gets into the link fail state, then
the switch to AUI mode is made only after the jabbering
has stopped (this includes the time it takes to unjab). Also,
if TP mode is selected, transmit packet data will only be
driven by the twisted pair outputs and the AUI transmit out-
puts will remain idle. Similar behavior applies when AUI
mode is selected. In TPI mode, the twisted pair drivers will
continue to send link pulses, however, no packet data will
be transmitted. It must also be noted that when switching
from TP to AUI mode, it might take a few msec to com-
pletely power-up the AUI before it becomes fully opera-
tional. Switching in the opposite direction (AUI to TP) does
not have this power-up time, since the TP section is
already powered (the twisted pair transmit section still
sends link pulses in AUI mode).
3.3.13 Disable Management Interface Mode
This is also called the “enhanced full duplex” mode. In this
mode the management interface signals MDC and MDIO
are not available, hence the 4TPhy registers can’t be read
or written to. MDC pin 93 becomes the loopback select pin,
and MDIO becomes LINK_4. The advantage of this mode
is that the LINK status pins for all 4 ports are directly acces-
sible as well as the direct control of the loopback mode of
operation. Also, in this mode the duplex operation of the
4TPHY can be directly controlled by the FDX[4:1] pins as
described in the section below.
3.3.14 Full Duplex Operation
Full duplex operation is supported by the transceiver being
able to simultaneously transmit and receive without assert-
ing collision. The ENDEC has been implemented such that
it can encode and decode simultaneously and also be
robust enough to reject crosstalk noise with both transmit
and receive channels enabled.
The full duplex feature has two modes of operation. The
first option (normal FDX mode), allows full duplex configu-
ration of the ports only after a device reset (through the
FDX[4:1] pins). The FDX[4:1] pins are sampled during
device reset to determine which ports to configure into full
duplex mode. Changing the logic state on the FDX[4:1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com