Electronic Components Datasheet Search
  English  ▼

X  

DP83924 Datasheet(PDF) 40 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83924
Description  Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83924 Datasheet(HTML) 40 Page - National Semiconductor (TI)

Back Button DP83924 Datasheet HTML 34Page - National Semiconductor (TI) DP83924 Datasheet HTML 35Page - National Semiconductor (TI) DP83924 Datasheet HTML 36Page - National Semiconductor (TI) DP83924 Datasheet HTML 37Page - National Semiconductor (TI) DP83924 Datasheet HTML 38Page - National Semiconductor (TI) DP83924 Datasheet HTML 39Page - National Semiconductor (TI) DP83924 Datasheet HTML 40Page - National Semiconductor (TI) DP83924 Datasheet HTML 41Page - National Semiconductor (TI) DP83924 Datasheet HTML 42Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
7.0 AC and DC Electrical Specifications (Continued)
40
www.national.com
7.2.13 AUI Start of Packet Receive Timing
7.2.14 AUI End of Packet Receive Timing
Symbol
Parameter
Min
Max
Units
t43
Carrier Sense Turn On Delay (RX
± to CRS)
550
ns
t44
Decoder Acquisition Time
2200
ns
t45
Receive Data Valid to RXC Rising Edge
25
ns
t46
Receive Data Invalid from RXC Rising Edge
25
ns
Symbol
Parameter
Min
Max
Units
t47
Carrier Sense Turn Off Delay
500
ns
t48
Number of RXCs after CRS Low1
1. This only applies when GATERXC, bit D0, in the Global Configuration Register is set.
5
Bit Times
RX±
t43
1
1
0
CRS
RXC
RXD
t44
t45
t46
1st bit
decoded
11
0
CRS
RXC
1st bit
decoded
RX±
t47
t48
Idle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com