Electronic Components Datasheet Search
  English  ▼

X  

DP83924 Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83924
Description  Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83924 Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button DP83924 Datasheet HTML 30Page - National Semiconductor (TI) DP83924 Datasheet HTML 31Page - National Semiconductor (TI) DP83924 Datasheet HTML 32Page - National Semiconductor (TI) DP83924 Datasheet HTML 33Page - National Semiconductor (TI) DP83924 Datasheet HTML 34Page - National Semiconductor (TI) DP83924 Datasheet HTML 35Page - National Semiconductor (TI) DP83924 Datasheet HTML 36Page - National Semiconductor (TI) DP83924 Datasheet HTML 37Page - National Semiconductor (TI) DP83924 Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
7.0 AC and DC Electrical Specifications (Continued)
34
www.national.com
7.2.4
Twisted Pair Start of Transmit Packet
Symbol
Parameter
Min
Max
Units
t11
TXE Setup time to TXC rising edge
20
ns
t12
TXD Setup time to TXC rising edge
20
ns
t13
TXD hold time from TXC rising edge
5
ns
t14
TXU start-up delay from TXC rising edge
400
ns
t15
TXU prop Delay (TXC rising edge to TXU+/-)
350
ns
t16
TXC Low Time
40
ns
t17
TXC High Time
40
ns
t18
TXC Duty Cycle
40
60
%
TXC
TXE
TXD
TXU±
t11
t13
t12
t14
t15
t16
t17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com