Electronic Components Datasheet Search
  English  ▼

X  

DP83924 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83924
Description  Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83924 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button DP83924 Datasheet HTML 24Page - National Semiconductor (TI) DP83924 Datasheet HTML 25Page - National Semiconductor (TI) DP83924 Datasheet HTML 26Page - National Semiconductor (TI) DP83924 Datasheet HTML 27Page - National Semiconductor (TI) DP83924 Datasheet HTML 28Page - National Semiconductor (TI) DP83924 Datasheet HTML 29Page - National Semiconductor (TI) DP83924 Datasheet HTML 30Page - National Semiconductor (TI) DP83924 Datasheet HTML 31Page - National Semiconductor (TI) DP83924 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
5.0 Application Information (Continued)
28
www.national.com
Bypass for all other supplies should use a 0.01uF capaci-
tor.Additional bypass for the VDD_TPI supplies should use
a 1.0 uF capacitor.
5.3 LED interface considerations
The 4TPHY will update the LEDs every 50 ms. LED data is
shifted out serially in bursts of 8 or 16 LED_CLKs depend-
ing on normal or enhanced LED mode selected. This data
typically will be shifted into an external serial shift register
to control LEDs. However if one intents to use this data for
controlling a MAC, care has to be taken: During the update
cycle data coming out of the shift register is not going to be
valid until the cycle is completed and all the bits are shifted
in place. These outputs should not be used to directly con-
trol a MAC unless the shift register outputs are latched dur-
ing the update cycle. A possible implementation would be
to have a one-shot which will latch the outputs of the shift
register > 16 LED_CLKs once the burst begins. Since
LED_CLK is 1 MHz, 20 us should be sufficient to make
sure all the bits are shifted to their correct positions within
the shift register before allowing the outputs to change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com