Electronic Components Datasheet Search
  English  ▼

X  

DP83924 Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83924
Description  Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83924 Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button DP83924 Datasheet HTML 31Page - National Semiconductor (TI) DP83924 Datasheet HTML 32Page - National Semiconductor (TI) DP83924 Datasheet HTML 33Page - National Semiconductor (TI) DP83924 Datasheet HTML 34Page - National Semiconductor (TI) DP83924 Datasheet HTML 35Page - National Semiconductor (TI) DP83924 Datasheet HTML 36Page - National Semiconductor (TI) DP83924 Datasheet HTML 37Page - National Semiconductor (TI) DP83924 Datasheet HTML 38Page - National Semiconductor (TI) DP83924 Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
7.0 AC and DC Electrical Specifications (Continued)
35
www.national.com
7.2.5 Twisted Pair Transmit End of Packet
Symbol
Parameter
Min
Max
Units
t19
TXE Hold Time from TXC rising edg
5
ns
t20
TXU End of Packet Hold Time with “0” ending bit
2501
1. This is measured between two zero crossings. If measured between a zero crossing and when the differential output voltage falls below 585 mV, then this
limit is = 225 ns as per IEEE 802.3 Clause 14 Figure 14-10.
ns
t21
TXU End of Packet Hold Time with “1” ending bit
250
ns
TXC
TXE
TXU±
00
1
1
TXU±
t20
t21
TXD
Last Bit
0, 1
t19
‘0’ Ending Pkt
‘1’ Ending Pkt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com