Electronic Components Datasheet Search
  English  ▼

X  

DP83924 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83924
Description  Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83924 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button DP83924 Datasheet HTML 27Page - National Semiconductor (TI) DP83924 Datasheet HTML 28Page - National Semiconductor (TI) DP83924 Datasheet HTML 29Page - National Semiconductor (TI) DP83924 Datasheet HTML 30Page - National Semiconductor (TI) DP83924 Datasheet HTML 31Page - National Semiconductor (TI) DP83924 Datasheet HTML 32Page - National Semiconductor (TI) DP83924 Datasheet HTML 33Page - National Semiconductor (TI) DP83924 Datasheet HTML 34Page - National Semiconductor (TI) DP83924 Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
31
www.national.com
Absolute Maximum Ratings
Supply Voltage (VDD)
-0.5 V to 7.0 V
DC Input Voltage (VIN)
-0.5 V to VCC + 0.5 V
DC Output Voltage (VOUT)
-0.5 V to VCC + 0.5 V
Storage Temperature Range (TSTG)
-65°C to 150°C
On Chip Power Dissipation (PD)
1.6W
Lead Temp. (TL) (Soldering, 10 sec)
260°C
ESD Rating
(RZAP = 1.5k, CZAP = 120 pF)
2 kV HBM
Recommended Operating Conditions
Note:
Absolute maximum ratings are those values beyond
which the safety of the device cannot be guaranteed. They
are not meant to imply that the device should be operated
at these limits.
Supply voltage (VDD)
5 Volts + 5%
Ambient Temperature (TA)
0 to 70 °C
Max. die temperature (Tj)
125°C
Max. case temperature (Tc)
105°C
7.0 AC and DC Electrical Specifications
Thermal Characteristics
7.1 DC Specifications
TA = 0°C to 70°C, 5V ±5%.
Note 1: CRS[4:1], COL[4:1], TDI, RXD[4:1], TMS, TRST
Note 2: MDIO, MDC, TXE[4:1]. TXD[4:1], X1, RESET, TCK
Note 3: Internal pull-up resistor typically 20k
Ω -125kΩ
Note 4: This does NOT include the current consumed off chip by the load. Typically, the power dissipated off-chip is about 76mW/ port. The total power dis-
sipated will be: [the off-chip power dissipation (4 ports x 76mW/port)] + [on-chip power dissipation (5.25 V x 250 mA)] = (0.3 + 1.32) = 1.62 W
Max
Units
Theta Junction to Case (Tjc)
13.7
°C / W
Theta Junction to Ambient (Tja) degrees Celsius/Watt - No Airflow @ 1.0W
34.2
°C / W
Theta Junction to Ambient (Tja) degrees Celsius/Watt - 225 LFPM Airflow @ 1.0W
28.6
°C / W
Theta Junction to Ambient (Tja) degrees Celsius/Watt - 500 LFPM Airflow @ 1.0W
25.2
°C / W
Theta Junction to Ambient (Tja) degrees Celsius/Watt - 900 LFPM Airflow @ 1.0W
21.5
°C / W
Symbol
Parameter
Conditions
Min
Max
Units
DIGITAL PINS (LED_CLK,LED_DATA,MDIO,MDC,CRS,RXC,RXD,COL,TXE,TXD,TXC,X1,RESET,LINK, INT,TCK,TDI,TDO,TMS,TRST)
VOH1
Minimum High Level Output Voltage
IOH = -2mA (except MDIO, TXC, INTz)
3.0
V
VOH2
Minimum High Level Output Voltage
IOH = -8ma (MDIO and TXC only)
3.0
V
VOL1
Maximum Low Level Output Voltage
IOL = 2mA (except MDIO, TXC, INTz)
0.4
V
VOL2
Maximum Low Level Output Voltage
IOL = 8mA (MDIO, Extend INTZ only)
0.4
V
VIH
Minimum High Level Input Voltage
2.0
V
VIL
Maximum Low Level Input Voltage
0.8
V
IIN
Pull-up Resistor Current (Note 1,3)
VIN = GND, VDD=5V
-250
-40
µA
IIL, IIH
Input Leakage (Note 2)
VIN = VCC or GND
-10
10
µA
IOZ
TRI-STATE Output Leakage Current
VOUT = VCC or GND
-10
10
µA
ICC
Average Operating Supply Current
TXU+ Transmitting (Note 4)
250
mA
AUI INTERFACE PINS (TX
±, RX±, and CD±)
VOD
Diff. Output Voltage (TX
±)
78
Ω Termination
±550
±1200
mV
VDS
Diff. Squelch Threshold (RX
± and CD±)+160
+300
mV
TWISTED PAIR INTERFACE PINS
VODT
TXU+/- Differential Output Voltage
4.4
5.6
Vpp
VSRON1 Receive Threshold Turn-On Voltage
10BASE-T Mode
+300
+585
mV
VSROFF Receive Threshold Turn-Off Voltage
Not tested 100%
+175
+300
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com