Electronic Components Datasheet Search
  English  ▼

X  

DP83924 Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83924
Description  Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83924 Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button DP83924 Datasheet HTML 33Page - National Semiconductor (TI) DP83924 Datasheet HTML 34Page - National Semiconductor (TI) DP83924 Datasheet HTML 35Page - National Semiconductor (TI) DP83924 Datasheet HTML 36Page - National Semiconductor (TI) DP83924 Datasheet HTML 37Page - National Semiconductor (TI) DP83924 Datasheet HTML 38Page - National Semiconductor (TI) DP83924 Datasheet HTML 39Page - National Semiconductor (TI) DP83924 Datasheet HTML 40Page - National Semiconductor (TI) DP83924 Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
7.0 AC and DC Electrical Specifications (Continued)
37
www.national.com
7.2.7 Twisted Pair End of Receive Packet
7.2.8 Link Pulse Timing
7.2.9 Heartbeat Specifications
Symbol
Parameter
Min
Max
Units
t27
Carrier Sense Turn Off Delay
500
ns
t28
Number of RXCs after CRS low 1
1. This only applies when the GATERXC bit, D0, in the Global Configuration Register is set
5
Bit Times
Symbol
Parameter
Min
Max
Units
t29
Link Integrity Output Pulse Width
80
130
ns
t30
Time between Link Output Pulses
8
24
ms
Symbol
Parameter
Min
Max
Units
t31
CD Heartbeat Delay
600
1600
ns
t32
CD Heartbeat Duration
500
1500
ns
1
0
1
RXI±
t27
RXC
CRS
IDLE
t28
TXU±
t29
t30
TXC
TXE
COL
t
31
t
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com