Electronic Components Datasheet Search
  English  ▼

X  

DP83924 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83924
Description  Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83924 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button DP83924 Datasheet HTML 7Page - National Semiconductor (TI) DP83924 Datasheet HTML 8Page - National Semiconductor (TI) DP83924 Datasheet HTML 9Page - National Semiconductor (TI) DP83924 Datasheet HTML 10Page - National Semiconductor (TI) DP83924 Datasheet HTML 11Page - National Semiconductor (TI) DP83924 Datasheet HTML 12Page - National Semiconductor (TI) DP83924 Datasheet HTML 13Page - National Semiconductor (TI) DP83924 Datasheet HTML 14Page - National Semiconductor (TI) DP83924 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
2.0 Interface Descriptions (Continued)
11
www.national.com
If the standard 78 ohm transceiver cable is used, the
receive differential input must be externally terminated with
two 39 ohm resistors connected in series. In thin Ethernet
applications, these resistors are optional. To prevent noise
from falsely triggering the decoder, a squelch circuit at the
input rejects signals with levels less than + 160mV. Signals
with levels greater than + 300 mV are decoded.
If the AUI interface is not used, the unused AUI inputs can
be left floating or the +/- inputs could be shorted to each
other and the unused AUI outputs should be left floating.
2.4.3 Oscillator Clock
When using an oscillator, additional output drive may be
necessary if the oscillator must also drive other compo-
nents. The X1 pin is a simple TTL compatible input. See
Figur e8.
Table 7. MAC Interface Selection
Parameter
Mode 1
Mode 2
Mode 3
Mode 4
RXCs Active
CRS + 5 clks
CRS asserteda Continuous
Continuous
Edge of TXc that TXD is sampled
Rising
Rising
Falling
Falling
Polarity of active TXE
High
High
High
High
Edge of RXC that RXD is clocked
Rising
Rising
Rising
Falling
Polarity of CRS asserted
High
High
High
High
Level of RXD during CRS deassertion Low
High
Low
Low
Polarity of active COL
High
High
High
Low
Polarity of active Loopback (LPBK)
High
High
Low
High
How to select MAC interface mode
b
Using registers to select mode
Global Control & Status Register
(GCSR, addr 08H) bits D[8:6]
111
001
010
011
GCSR bit D[4] (select RXD_Idle level) 0
1
0
0
GCSR bit D[0] (select RXC modec)
11
00
Using strap options to select mode
RXD[3:1] strap option
(same as GCSR D[8:6])
111
001
010
011
LINK[1] strap option (RXD idle level)
1
0
1
1
COL[4] strap option (RXC mode)
1
1
0
0
a. No extra clocks are added after CRS. (CRS + 0 clocks RXC mode)
b. The mode can be selected by either strap options or writing to the registers. The default for
both is NSC,TI.
c. GCSR D[0] or COL[4] strap can’t be used to select CRS + 0 clocks RXC mode. This mode is
selected by the GCSR bits D[8:6] or RXD[3:1] strap option.
Table 8. Normal LED Mode
LED Condition
Status Indication
Off
Good Status
On - Solid
Error Statusa
Fast Blink (400 ms)
Link Lost
Slow Blink (1600 ms)
Bad Polarity
a. Bit 7 of registers 00-03 can be set by the user
/management entity based on any criteria they
choose and will be used to turn on Error Status
LED.
Table 9. Enhanced LED Mode - Bit Decode
FDX
LinkCoded
LED Status
Comments
0
0
OFF
Link Fail, Full
Duplex
0
1
ON - Color A
Good Link, Full
Duplex
1
0
ON - Color B
Good Link, Half
Duplex
1
1
OFF
Link Fail, Half
Duplex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com