Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA88 Datasheet(PDF) 76 Page - ATMEL Corporation

Part # ATMEGA88
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA88 Datasheet(HTML) 76 Page - ATMEL Corporation

Back Button ATMEGA88 Datasheet HTML 72Page - ATMEL Corporation ATMEGA88 Datasheet HTML 73Page - ATMEL Corporation ATMEGA88 Datasheet HTML 74Page - ATMEL Corporation ATMEGA88 Datasheet HTML 75Page - ATMEL Corporation ATMEGA88 Datasheet HTML 76Page - ATMEL Corporation ATMEGA88 Datasheet HTML 77Page - ATMEL Corporation ATMEGA88 Datasheet HTML 78Page - ATMEL Corporation ATMEGA88 Datasheet HTML 79Page - ATMEL Corporation ATMEGA88 Datasheet HTML 80Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 349 page
background image
76
ATmega48/88/168
2545D–AVR–07/04
AIN1, Analog Comparator Negative Input. Configure the port pin as input with the inter-
nal pull-up switched off to avoid the digital port function from interfering with the function
of the Analog Comparator.
PCINT23: Pin Change Interrupt source 23. The PD7 pin can serve as an external inter-
rupt source.
• AIN0/OC0A/PCINT22 – Port D, Bit 6
AIN0, Analog Comparator Positive Input. Configure the port pin as input with the internal
pull-up switched off to avoid the digital port function from interfering with the function of
the Analog Comparator.
OC0A, Output Compare Match output: The PD6 pin can serve as an external output for
the Timer/Counter0 Compare Match A. The PD6 pin has to be configured as an output
(DDD6 set (one)) to serve this function. The OC0A pin is also the output pin for the
PWM mode timer function.
PCINT22: Pin Change Interrupt source 22. The PD6 pin can serve as an external inter-
rupt source.
• T1/OC0B/PCINT21 – Port D, Bit 5
T1, Timer/Counter1 counter source.
OC0B, Output Compare Match output: The PD5 pin can serve as an external output for
the Timer/Counter0 Compare Match B. The PD5 pin has to be configured as an output
(DDD5 set (one)) to serve this function. The OC0B pin is also the output pin for the
PWM mode timer function.
PCINT21: Pin Change Interrupt source 21. The PD5 pin can serve as an external inter-
rupt source.
• XCK/T0/PCINT20 – Port D, Bit 4
XCK, USART external clock.
T0, Timer/Counter0 counter source.
PCINT20: Pin Change Interrupt source 20. The PD4 pin can serve as an external inter-
rupt source.
• INT1/OC2B/PCINT19 – Port D, Bit 3
INT1, External Interrupt source 1: The PD3 pin can serve as an external interrupt
source.
OC2B, Output Compare Match output: The PD3 pin can serve as an external output for
the Timer/Counter0 Compare Match B. The PD3 pin has to be configured as an output
(DDD3 set (one)) to serve this function. The OC2B pin is also the output pin for the
PWM mode timer function.
PCINT19: Pin Change Interrupt source 19. The PD3 pin can serve as an external inter-
rupt source.
• INT0/PCINT18 – Port D, Bit 2
INT0, External Interrupt source 0: The PD2 pin can serve as an external interrupt
source.
PCINT18: Pin Change Interrupt source 18. The PD2 pin can serve as an external inter-
rupt source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com