Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA88 Datasheet(PDF) 30 Page - ATMEL Corporation

Part # ATMEGA88
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA88 Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button ATMEGA88 Datasheet HTML 26Page - ATMEL Corporation ATMEGA88 Datasheet HTML 27Page - ATMEL Corporation ATMEGA88 Datasheet HTML 28Page - ATMEL Corporation ATMEGA88 Datasheet HTML 29Page - ATMEL Corporation ATMEGA88 Datasheet HTML 30Page - ATMEL Corporation ATMEGA88 Datasheet HTML 31Page - ATMEL Corporation ATMEGA88 Datasheet HTML 32Page - ATMEL Corporation ATMEGA88 Datasheet HTML 33Page - ATMEL Corporation ATMEGA88 Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 349 page
background image
30
ATmega48/88/168
2545D–AVR–07/04
Calibrated Internal RC
Oscillator
The calibrated internal RC Oscillator by default provides a 8.0 MHz clock. The frequency
is nominal value at 3V and 25
°C. The device is shipped with the CKDIV8 Fuse pro-
grammed. See “System Clock Prescaler” on page 33 for more details. This clock may
be selected as the system clock by programming the CKSEL Fuses as shown in Table
11. If selected, it will operate with no external components. During reset, hardware loads
the calibration byte into the OSCCAL Register and thereby automatically calibrates the
RC Oscillator. At 3V and 25
°C, this calibration gives a frequency of 8 MHz ± 1%. The
oscillator can be calibrated to any frequency in the range 7.3 - 8.1 MHz within ±1%
accuracy, by changing the OSCCAL register. When this Oscillator is used as the chip
clock, the Watchdog Oscillator will still be used for the Watchdog Timer and for the
Reset Time-out. For more information on the pre-programmed calibration value, see the
section “Calibration Byte” on page 274.
Notes:
1. The device is shipped with this option selected.
2. The frequency ranges are preliminary values. Actual values are TBD.
3. If 8 MHz frequency exceeds the specification of the device (depends on V
CC), the
CKDIV8 Fuse can be programmed in order to divide the internal frequency by 8.
When this Oscillator is selected, start-up times are determined by the SUT Fuses as
shown in Table 12 on page 30.
Note:
1. If the RSTDISBL fuse is programmed, this start-up time will be increased to
14CK + 4.1 ms to ensure programming mode can be entered.
2.
The device is shipped with this option selected.
Oscillator Calibration Register
– OSCCAL
• Bits 7..0 – CAL7..0: Oscillator Calibration Value
The Oscillator Calibration Register is used to trim the Calibrated Internal RC Oscillator
to remove process variations from the oscillator frequency. The factory-calibrated value
is automatically written to this register during chip reset, giving an oscillator frequency of
8.0 MHz at 25°C. The application software can write this register to change the oscillator
frequency. The oscillator can be calibrated to any frequency in the range 7.3 - 8.1 MHz
within ±1% accuracy. Calibration outside that range is not guaranteed.
Table 11. Internal Calibrated RC Oscillator Operating Modes
(1)(3)
Frequency Range(2) (MHz)
CKSEL3..0
7.3 - 8.1
0010
Table 12. Start-up times for the internal calibrated RC Oscillator clock selection
Power Conditions
Start-up Time from Power-
down and Power-save
Additional Delay from
Reset (V
CC = 5.0V)
SUT1..0
BOD enabled
6 CK
14CK(1)
00
Fast rising power
6 CK
14CK + 4.1 ms
01
Slowly rising power
6 CK
14CK + 65 ms(2)
10
Reserved
11
Bit
7654
321
0
CAL7
CAL6
CAL5
CAL4
CAL3
CAL2
CAL1
CAL0
OSCCAL
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
Device Specific Calibration Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com