Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA88 Datasheet(PDF) 43 Page - ATMEL Corporation

Part # ATMEGA88
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA88 Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button ATMEGA88 Datasheet HTML 39Page - ATMEL Corporation ATMEGA88 Datasheet HTML 40Page - ATMEL Corporation ATMEGA88 Datasheet HTML 41Page - ATMEL Corporation ATMEGA88 Datasheet HTML 42Page - ATMEL Corporation ATMEGA88 Datasheet HTML 43Page - ATMEL Corporation ATMEGA88 Datasheet HTML 44Page - ATMEL Corporation ATMEGA88 Datasheet HTML 45Page - ATMEL Corporation ATMEGA88 Datasheet HTML 46Page - ATMEL Corporation ATMEGA88 Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 349 page
background image
43
ATmega48/88/168
2545D–AVR–07/04
Figure 19. External Reset During Operation
Brown-out Detection
ATmega48/88/168 has an On-chip Brown-out Detection (BOD) circuit for monitoring the
V
CC level during operation by comparing it to a fixed trigger level. The trigger level for
the BOD can be selected by the BODLEVEL Fuses. The trigger level has a hysteresis to
ensure spike free Brown-out Detection. The hysteresis on the detection level should be
interpreted as V
BOT+ = VBOT + VHYST/2 and VBOT- = VBOT - VHYST/2.
Notes:
1. VBOT may be below nominal minimum operating voltage for some devices. For
devices where this is the case, the device is tested down to VCC = VBOT during the
production test. This guarantees that a Brown-Out Reset will occur before V
CC drops
to a voltage where correct operation of the microcontroller is no longer guaranteed.
The
test
is
performed
using
BODLEVEL = 110
and
BODLEVEL = 101
for
ATmega48V/88V/168V,
and
BODLEVEL = 101
and
BODLEVEL = 101
for
ATmega48/88/168.
2. Min/Max values applicable for ATmega48.
When the BOD is enabled, and V
CC decreases to a value below the trigger level (VBOT-
in Figure 20), the Brown-out Reset is immediately activated. When V
CC increases above
the trigger level (V
BOT+ in Figure 20), the delay counter starts the MCU after the Time-
out period t
TOUT has expired.
CC
Table 21. BODLEVEL Fuse Coding(1)
BODLEVEL 2..0 Fuses
Min V
BOT
Typ V
BOT
Max V
BOT
Units
111
BOD Disabled
110
1.7
(2)
1.8
2.0
(2)
V
101
2.5
(2)
2.7
2.9
(2)
100
4.1
(2)
4.3
4.5
(2)
011
Reserved
010
001
000
Table 22. Brown-out Characteristics
Symbol
Parameter
Min
Typ
Max
Units
VHYST
Brown-out Detector Hysteresis
50
mV
t
BOD
Min Pulse Width on Brown-out Reset
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com