Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA88 Datasheet(PDF) 75 Page - ATMEL Corporation

Part # ATMEGA88
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA88 Datasheet(HTML) 75 Page - ATMEL Corporation

Back Button ATMEGA88 Datasheet HTML 71Page - ATMEL Corporation ATMEGA88 Datasheet HTML 72Page - ATMEL Corporation ATMEGA88 Datasheet HTML 73Page - ATMEL Corporation ATMEGA88 Datasheet HTML 74Page - ATMEL Corporation ATMEGA88 Datasheet HTML 75Page - ATMEL Corporation ATMEGA88 Datasheet HTML 76Page - ATMEL Corporation ATMEGA88 Datasheet HTML 77Page - ATMEL Corporation ATMEGA88 Datasheet HTML 78Page - ATMEL Corporation ATMEGA88 Datasheet HTML 79Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 349 page
background image
75
ATmega48/88/168
2545D–AVR–07/04
nected between the AIO outputs shown in the port figure and the digital logic of the
TWI module.
Alternate Functions of Port D
The Port D pins with alternate functions are shown in Table 39.
The alternate pin configuration is as follows:
• AIN1/OC2B/PCINT23 – Port D, Bit 7
Table 38. Overriding Signals for Alternate Functions in PC3..PC0
Signal
Name
PC3/ADC3/
PCINT11
PC2/ADC2/
PCINT10
PC1/ADC1/
PCINT9
PC0/ADC0/
PCINT8
PUOE
000
0
PUOV
000
0
DDOE
0
0
0
0
DDOV
0
0
0
0
PVOE
000
0
PVOV
000
0
DIEOE
PCINT11 • PCIE1
+ ADC3D
PCINT10 • PCIE1
+ ADC2D
PCINT9 • PCIE1 +
ADC1D
PCINT8 • PCIE1 +
ADC0D
DIEOV
PCINT11 • PCIE1
PCINT10 • PCIE1
PCINT9 • PCIE1
PCINT8 • PCIE1
DI
PCINT11 INPUT
PCINT10 INPUT
PCINT9 INPUT
PCINT8 INPUT
AIO
ADC3 INPUT
ADC2 INPUT
ADC1 INPUT
ADC0 INPUT
Table 39. Port D Pins Alternate Functions
Port Pin
Alternate Function
PD7
AIN1 (Analog Comparator Negative Input)
PCINT23 (Pin Change Interrupt 23)
PD6
AIN0 (Analog Comparator Positive Input)
OC0A (Timer/Counter0 Output Compare Match A Output)
PCINT22 (Pin Change Interrupt 22)
PD5
T1 (Timer/Counter 1 External Counter Input)
OC0B (Timer/Counter0 Output Compare Match B Output)
PCINT21 (Pin Change Interrupt 21)
PD4
XCK (USART External Clock Input/Output)
T0 (Timer/Counter 0 External Counter Input)
PCINT20 (Pin Change Interrupt 20)
PD3
INT1 (External Interrupt 1 Input)
OC2B (Timer/Counter2 Output Compare Match B Output)
PCINT19 (Pin Change Interrupt 19)
PD2
INT0 (External Interrupt 0 Input)
PCINT18 (Pin Change Interrupt 18)
PD1
TXD (USART Output Pin)
PCINT17 (Pin Change Interrupt 17)
PD0
RXD (USART Input Pin)
PCINT16 (Pin Change Interrupt 16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com