Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA88 Datasheet(PDF) 31 Page - ATMEL Corporation

Part # ATMEGA88
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA88 Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button ATMEGA88 Datasheet HTML 27Page - ATMEL Corporation ATMEGA88 Datasheet HTML 28Page - ATMEL Corporation ATMEGA88 Datasheet HTML 29Page - ATMEL Corporation ATMEGA88 Datasheet HTML 30Page - ATMEL Corporation ATMEGA88 Datasheet HTML 31Page - ATMEL Corporation ATMEGA88 Datasheet HTML 32Page - ATMEL Corporation ATMEGA88 Datasheet HTML 33Page - ATMEL Corporation ATMEGA88 Datasheet HTML 34Page - ATMEL Corporation ATMEGA88 Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 349 page
background image
31
ATmega48/88/168
2545D–AVR–07/04
Note that this oscillator is used to time EEPROM and Flash write accesses, and these
write times will be affected accordingly. If the EEPROM or Flash are written, do not cali-
brate to more than 8.8 MHz. Otherwise, the EEPROM or Flash write may fail.
The CAL7 bit determines the range of operation for the oscillator. Setting this bit to 0
gives the lowest frequency range, setting this bit to 1 gives the highest frequency range.
The two frequency ranges are overlapping, in other words a setting of OSCCAL = 0x7F
gives a higher frequency than OSCCAL = 0x80.
The CAL6..0 bits are used to tune the frequency within the selected range. A setting of
0x00 gives the lowest frequency in that range, and a setting of 0x7F gives the highest
frequency in the range. Incrementing CAL6..0 by 1 will give a frequency increment of
less than 2% in the frequency range 7.3 - 8.1 MHz.
128 kHz Internal
Oscillator
The 128 kHz internal Oscillator is a low power Oscillator providing a clock of 128 kHz.
The frequency is nominal at 3V and 25
°C. This clock may be select as the system clock
by programming the CKSEL Fuses to “11” as shown in Table 13.
Note:
1. The frequency is preliminary value. Actual value is TBD.
When this clock source is selected, start-up times are determined by the SUT Fuses as
shown in Table 14.
Note:
1. If the RSTDISBL fuse is programmed, this start-up time will be increased to
14CK + 4.1 ms to ensure programming mode can be entered.
External Clock
The device can utilize a external clock source as shown in Figure 15. To run the device
on an external clock, the CKSEL Fuses must be programmed as shown in Table 15.
Notes:
1. The frequency ranges are preliminary values. Actual values are TBD.
2. If 8 MHz frequency exceeds the specification of the device (depends on V
CC), the
CKDIV8 Fuse can be programmed in order to divide the internal frequency by 8. It
must be ensured that the resulting divided clock meets the frequency specification of
the device.
Table 13. 128 kHz Internal Oscillator Operating Modes
Nominal Frequency
CKSEL3..0
128 kHz
0011
Table 14. Start-up Times for the 128 kHz Internal Oscillator
Power Conditions
Start-up Time from Power-
down and Power-save
Additional Delay from
Reset
SUT1..0
BOD enabled
6 CK
14CK(1)
00
Fast rising power
6 CK
14CK + 4 ms
01
Slowly rising power
6 CK
14CK + 64 ms
10
Reserved
11
Table 15. Full Swing Crystal Oscillator operating modes
(2)
Frequency Range(1) (MHz)
CKSEL3..0
Recommended Range for Capacitors
C1 and C2 (pF)
0 - 100
0000
12 - 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com