Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA88 Datasheet(PDF) 56 Page - ATMEL Corporation

Part # ATMEGA88
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA88 Datasheet(HTML) 56 Page - ATMEL Corporation

Back Button ATMEGA88 Datasheet HTML 52Page - ATMEL Corporation ATMEGA88 Datasheet HTML 53Page - ATMEL Corporation ATMEGA88 Datasheet HTML 54Page - ATMEL Corporation ATMEGA88 Datasheet HTML 55Page - ATMEL Corporation ATMEGA88 Datasheet HTML 56Page - ATMEL Corporation ATMEGA88 Datasheet HTML 57Page - ATMEL Corporation ATMEGA88 Datasheet HTML 58Page - ATMEL Corporation ATMEGA88 Datasheet HTML 59Page - ATMEL Corporation ATMEGA88 Datasheet HTML 60Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 349 page
background image
56
ATmega48/88/168
2545D–AVR–07/04
When the BOOTRST Fuse is programmed, the Boot section size set to 2K bytes and the
IVSEL bit in the MCUCR Register is set before any interrupts are enabled, the most typ-
ical and general program setup for the Reset and Interrupt Vector Addresses in
ATmega88 is:
Address
Labels Code
Comments
;
.org 0xC00
0xC00
rjmp
RESET
; Reset handler
0xC01
rjmp
EXT_INT0
; IRQ0 Handler
0xC02
rjmp
EXT_INT1
; IRQ1 Handler
...
...
...
;
0xC19
rjmp
SPM_RDY
; Store Program Memory Ready
Handler
;
0xC1A
RESET: ldi
r16,high(RAMEND); Main program start
0xC1B
out
SPH,r16
; Set Stack Pointer to top of
RAM
0xC1C
ldi
r16,low(RAMEND)
0xC1D
out
SPL,r16
0xC1E
sei
; Enable interrupts
0xC1F
<instr>
xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com