Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA88 Datasheet(PDF) 98 Page - ATMEL Corporation

Part # ATMEGA88
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA88 Datasheet(HTML) 98 Page - ATMEL Corporation

Back Button ATMEGA88 Datasheet HTML 94Page - ATMEL Corporation ATMEGA88 Datasheet HTML 95Page - ATMEL Corporation ATMEGA88 Datasheet HTML 96Page - ATMEL Corporation ATMEGA88 Datasheet HTML 97Page - ATMEL Corporation ATMEGA88 Datasheet HTML 98Page - ATMEL Corporation ATMEGA88 Datasheet HTML 99Page - ATMEL Corporation ATMEGA88 Datasheet HTML 100Page - ATMEL Corporation ATMEGA88 Datasheet HTML 101Page - ATMEL Corporation ATMEGA88 Datasheet HTML 102Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 349 page
background image
98
ATmega48/88/168
2545D–AVR–07/04
Notes:
1. MAX
= 0xFF
2. BOTTOM = 0x00
Timer/Counter Control
Register B – TCCR0B
• Bit 7 – FOC0A: Force Output Compare A
The FOC0A bit is only active when the WGM bits specify a non-PWM mode.
However, for ensuring compatibility with future devices, this bit must be set to zero when
TCCR0B is written when operating in PWM mode. When writing a logical one to the
FOC0A bit, an immediate Compare Match is forced on the Waveform Generation unit.
The OC0A output is changed according to its COM0A1:0 bits setting. Note that the
FOC0A bit is implemented as a strobe. Therefore it is the value present in the
COM0A1:0 bits that determines the effect of the forced compare.
A FOC0A strobe will not generate any interrupt, nor will it clear the timer in CTC mode
using OCR0A as TOP.
The FOC0A bit is always read as zero.
• Bit 6 – FOC0B: Force Output Compare B
The FOC0B bit is only active when the WGM bits specify a non-PWM mode.
However, for ensuring compatibility with future devices, this bit must be set to zero when
TCCR0B is written when operating in PWM mode. When writing a logical one to the
FOC0B bit, an immediate Compare Match is forced on the Waveform Generation unit.
The OC0B output is changed according to its COM0B1:0 bits setting. Note that the
FOC0B bit is implemented as a strobe. Therefore it is the value present in the
COM0B1:0 bits that determines the effect of the forced compare.
A FOC0B strobe will not generate any interrupt, nor will it clear the timer in CTC mode
using OCR0B as TOP.
The FOC0B bit is always read as zero.
• Bits 5:4 – Res: Reserved Bits
These bits are reserved bits in the ATmega48/88/168 and will always read as zero.
• Bit 3 – WGM02: Waveform Generation Mode
See the description in the “Timer/Counter Control Register A – TCCR0A” on page 95.
41
0
0
Reserved
–
–
–
5
1
0
1
PWM, Phase
Correct
OCRA
TOP
BOTTOM
61
1
0
Reserved
–
–
–
7
1
1
1
Fast PWM
OCRA
TOP
TOP
Table 51. Waveform Generation Mode Bit Description (Continued)
Mode
WGM02
WGM01
WGM00
Timer/Count
er Mode of
Operation
TOP
Update of
OCRx at
TOV Flag
Set on
(1)(2)
Bit
7
6
5
4
3
2
1
0
FOC0A
FOC0B
–
–
WGM02
CS02
CS01
CS00
TCCR0B
Read/Write
W
W
R
R
R
R
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com