Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA88 Datasheet(PDF) 69 Page - ATMEL Corporation

Part # ATMEGA88
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA88 Datasheet(HTML) 69 Page - ATMEL Corporation

Back Button ATMEGA88 Datasheet HTML 65Page - ATMEL Corporation ATMEGA88 Datasheet HTML 66Page - ATMEL Corporation ATMEGA88 Datasheet HTML 67Page - ATMEL Corporation ATMEGA88 Datasheet HTML 68Page - ATMEL Corporation ATMEGA88 Datasheet HTML 69Page - ATMEL Corporation ATMEGA88 Datasheet HTML 70Page - ATMEL Corporation ATMEGA88 Datasheet HTML 71Page - ATMEL Corporation ATMEGA88 Datasheet HTML 72Page - ATMEL Corporation ATMEGA88 Datasheet HTML 73Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 349 page
background image
69
ATmega48/88/168
2545D–AVR–07/04
MCU Control Register –
MCUCR
• Bit 4 – PUD: Pull-up Disable
When this bit is written to one, the pull-ups in the I/O ports are disabled even if the DDxn
and PORTxn Registers are configured to enable the pull-ups ({DDxn, PORTxn} = 0b01).
See “Configuring the Pin” on page 63 for more details about this feature.
Alternate Functions of Port B
The Port B pins with alternate functions are shown in Table 33.
The alternate pin configuration is as follows:
• XTAL2/TOSC2/PCINT7 – Port B, Bit 7
XTAL2: Chip clock Oscillator pin 2. Used as clock pin for crystal Oscillator or Low-fre-
quency crystal Oscillator. When used as a clock pin, the pin can not be used as an I/O
pin.
TOSC2: Timer Oscillator pin 2. Used only if internal calibrated RC Oscillator is selected
as chip clock source, and the asynchronous timer is enabled by the correct setting in
ASSR. When the AS2 bit in ASSR is set (one) and the EXCLK bit is cleared (zero) to
enable asynchronous clocking of Timer/Counter2 using the Crystal Oscillator, pin PB7 is
disconnected from the port, and becomes the inverting output of the Oscillator amplifier.
In this mode, a crystal Oscillator is connected to this pin, and the pin cannot be used as
an I/O pin.
Bit
7
6
5
4
3
2
1
0
–
–
–PUD
–
–
IVSEL
IVCE
MCUCR
Read/Write
R
R
R
R/W
R
R
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 33. Port B Pins Alternate Functions
Port Pin
Alternate Functions
PB7
XTAL2 (
Chip Clock Oscillator pin 2)
TOSC2 (
Timer Oscillator pin 2)
PCINT7 (Pin Change Interrupt 7)
PB6
XTAL1 (
Chip Clock Oscillator pin 1 or External clock input)
TOSC1 (
Timer Oscillator pin 1)
PCINT6 (Pin Change Interrupt 6)
PB5
SCK (SPI Bus Master clock Input)
PCINT5 (Pin Change Interrupt 5)
PB4
MISO (SPI Bus Master Input/Slave Output)
PCINT4 (Pin Change Interrupt 4)
PB3
MOSI (SPI Bus Master Output/Slave Input)
OC2A (Timer/Counter2 Output Compare Match A Output)
PCINT3 (Pin Change Interrupt 3)
PB2
SS (SPI Bus Master Slave select)
OC1B (Timer/Counter1 Output Compare Match B Output)
PCINT2 (Pin Change Interrupt 2)
PB1
OC1A (Timer/Counter1 Output Compare Match A Output)
PCINT1 (Pin Change Interrupt 1)
PB0
ICP1 (Timer/Counter1 Input Capture Input)
CLKO (Divided System Clock Output)
PCINT0 (Pin Change Interrupt 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com