Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA88 Datasheet(PDF) 73 Page - ATMEL Corporation

Part # ATMEGA88
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA88 Datasheet(HTML) 73 Page - ATMEL Corporation

Back Button ATMEGA88 Datasheet HTML 69Page - ATMEL Corporation ATMEGA88 Datasheet HTML 70Page - ATMEL Corporation ATMEGA88 Datasheet HTML 71Page - ATMEL Corporation ATMEGA88 Datasheet HTML 72Page - ATMEL Corporation ATMEGA88 Datasheet HTML 73Page - ATMEL Corporation ATMEGA88 Datasheet HTML 74Page - ATMEL Corporation ATMEGA88 Datasheet HTML 75Page - ATMEL Corporation ATMEGA88 Datasheet HTML 76Page - ATMEL Corporation ATMEGA88 Datasheet HTML 77Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 349 page
background image
73
ATmega48/88/168
2545D–AVR–07/04
Alternate Functions of Port C
The Port C pins with alternate functions are shown in Table 36.
The alternate pin configuration is as follows:
• RESET/PCINT14 – Port C, Bit 6
RESET, Reset pin: When the RSTDISBL Fuse is programmed, this pin functions as a
normal I/O pin, and the part will have to rely on Power-on Reset and Brown-out Reset as
its reset sources. When the RSTDISBL Fuse is unprogrammed, the reset circuitry is
connected to the pin, and the pin can not be used as an I/O pin.
If PC6 is used as a reset pin, DDC6, PORTC6 and PINC6 will all read 0.
PCINT14: Pin Change Interrupt source 14. The PC6 pin can serve as an external inter-
rupt source.
• SCL/ADC5/PCINT13 – Port C, Bit 5
SCL, 2-wire Serial Interface Clock: When the TWEN bit in TWCR is set (one) to enable
the 2-wire Serial Interface, pin PC5 is disconnected from the port and becomes the
Serial Clock I/O pin for the 2-wire Serial Interface. In this mode, there is a spike filter on
the pin to suppress spikes shorter than 50 ns on the input signal, and the pin is driven by
an open drain driver with slew-rate limitation.
PC5 can also be used as ADC input Channel 5. Note that ADC input channel 5 uses dig-
ital power.
PCINT13: Pin Change Interrupt source 13. The PC5 pin can serve as an external inter-
rupt source.
• SDA/ADC4/PCINT12 – Port C, Bit 4
SDA, 2-wire Serial Interface Data: When the TWEN bit in TWCR is set (one) to enable
the 2-wire Serial Interface, pin PC4 is disconnected from the port and becomes the
Serial Data I/O pin for the 2-wire Serial Interface. In this mode, there is a spike filter on
the pin to suppress spikes shorter than 50 ns on the input signal, and the pin is driven by
an open drain driver with slew-rate limitation.
Table 36. Port C Pins Alternate Functions
Port Pin
Alternate Function
PC6
RESET (Reset pin)
PCINT14 (Pin Change Interrupt 14)
PC5
ADC5 (ADC Input Channel 5)
SCL (2-wire Serial Bus Clock Line)
PCINT13 (Pin Change Interrupt 13)
PC4
ADC4 (ADC Input Channel 4)
SDA (2-wire Serial Bus Data Input/Output Line)
PCINT12 (Pin Change Interrupt 12)
PC3
ADC3 (ADC Input Channel 3)
PCINT11 (Pin Change Interrupt 11)
PC2
ADC2 (ADC Input Channel 2)
PCINT10 (Pin Change Interrupt 10)
PC1
ADC1 (ADC Input Channel 1)
PCINT9 (Pin Change Interrupt 9)
PC0
ADC0 (ADC Input Channel 0)
PCINT8 (Pin Change Interrupt 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com