Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA88 Datasheet(PDF) 60 Page - ATMEL Corporation

Part # ATMEGA88
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA88 Datasheet(HTML) 60 Page - ATMEL Corporation

Back Button ATMEGA88 Datasheet HTML 56Page - ATMEL Corporation ATMEGA88 Datasheet HTML 57Page - ATMEL Corporation ATMEGA88 Datasheet HTML 58Page - ATMEL Corporation ATMEGA88 Datasheet HTML 59Page - ATMEL Corporation ATMEGA88 Datasheet HTML 60Page - ATMEL Corporation ATMEGA88 Datasheet HTML 61Page - ATMEL Corporation ATMEGA88 Datasheet HTML 62Page - ATMEL Corporation ATMEGA88 Datasheet HTML 63Page - ATMEL Corporation ATMEGA88 Datasheet HTML 64Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 349 page
background image
60
ATmega48/88/168
2545D–AVR–07/04
Address
Labels Code
Comments
;
.org 0x1C00
0x1C00
jmp
RESET
; Reset handler
0x1C02
jmp
EXT_INT0
; IRQ0 Handler
0x1C04
jmp
EXT_INT1
; IRQ1 Handler
...
...
...
;
0x1C32
jmp
SPM_RDY
; Store Program Memory Ready
Handler
;
0x1C33
RESET: ldi
r16,high(RAMEND); Main program start
0x1C34
out
SPH,r16
; Set Stack Pointer to top of
RAM
0x1C35
ldi
r16,low(RAMEND)
0x1C36
out
SPL,r16
0x1C37
sei
; Enable interrupts
0x1C38
<instr>
xxx
Moving Interrupts Between
Application and Boot Space,
ATmega88 and ATmega168
The MCU Control Register controls the placement of the Interrupt Vector table.
MCU Control Register –
MCUCR
• Bit 1 – IVSEL: Interrupt Vector Select
When the IVSEL bit is cleared (zero), the Interrupt Vectors are placed at the start of the
Flash memory. When this bit is set (one), the Interrupt Vectors are moved to the begin-
ning of the Boot Loader section of the Flash. The actual address of the start of the Boot
Flash Section is determined by the BOOTSZ Fuses. Refer to the section “Boot Loader
Support – Read-While-Write Self-Programming, ATmega88 and ATmega168” on page
255 for details. To avoid unintentional changes of Interrupt Vector tables, a special write
procedure must be followed to change the IVSEL bit:
1.
Write the Interrupt Vector Change Enable (IVCE) bit to one.
2.
Within four cycles, write the desired value to IVSEL while writing a zero to
IVCE.
Interrupts will automatically be disabled while this sequence is executed. Interrupts are
disabled in the cycle IVCE is set, and they remain disabled until after the instruction fol-
lowing the write to IVSEL. If IVSEL is not written, interrupts remain disabled for four
cycles. The I-bit in the Status Register is unaffected by the automatic disabling.
Note:
If Interrupt Vectors are placed in the Boot Loader section and Boot Lock bit BLB02 is pro-
grammed, interrupts are disabled while executing from the Application section. If
Interrupt Vectors are placed in the Application section and Boot Lock bit BLB12 is pro-
gramed, interrupts are disabled while executing from the Boot Loader section. Refer to
the section “Boot Loader Support – Read-While-Write Self-Programming, ATmega88
and ATmega168” on page 255 for details on Boot Lock bits.
This bit is not available in ATmega48.
Bit
7
654
32
10
–
–
–
PUD
–
–
IVSEL
IVCE
MCUCR
Read/Write
R
R
R
R/W
R
R
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com