Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA88 Datasheet(PDF) 46 Page - ATMEL Corporation

Part # ATMEGA88
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA88 Datasheet(HTML) 46 Page - ATMEL Corporation

Back Button ATMEGA88 Datasheet HTML 42Page - ATMEL Corporation ATMEGA88 Datasheet HTML 43Page - ATMEL Corporation ATMEGA88 Datasheet HTML 44Page - ATMEL Corporation ATMEGA88 Datasheet HTML 45Page - ATMEL Corporation ATMEGA88 Datasheet HTML 46Page - ATMEL Corporation ATMEGA88 Datasheet HTML 47Page - ATMEL Corporation ATMEGA88 Datasheet HTML 48Page - ATMEL Corporation ATMEGA88 Datasheet HTML 49Page - ATMEL Corporation ATMEGA88 Datasheet HTML 50Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 349 page
background image
46
ATmega48/88/168
2545D–AVR–07/04
Watchdog Timer
ATmega48/88/168 has an Enhanced Watchdog Timer (WDT). The main features are:
• Clocked from separate On-chip Oscillator
• 3 Operating modes
– Interrupt
– System Reset
– Interrupt and System Reset
• Selectable Time-out period from 16ms to 8s
• Possible Hardware fuse Watchdog always on (WDTON) for fail-safe mode
Figure 22. Watchdog Timer
The Watchdog Timer (WDT) is a timer counting cycles of a separate on-chip 128 kHz
oscillator. The WDT gives an interrupt or a system reset when the counter reaches a
given time-out value. In normal operation mode, it is required that the system uses the
WDR - Watchdog Timer Reset - instruction to restart the counter before the time-out
value is reached. If the system doesn't restart the counter, an interrupt or system reset
will be issued.
In Interrupt mode, the WDT gives an interrupt when the timer expires. This interrupt can
be used to wake the device from sleep-modes, and also as a general system timer. One
example is to limit the maximum time allowed for certain operations, giving an interrupt
when the operation has run longer than expected. In System Reset mode, the WDT
gives a reset when the timer expires. This is typically used to prevent system hang-up in
case of runaway code. The third mode, Interrupt and System Reset mode, combines the
other two modes by first giving an interrupt and then switch to System Reset mode. This
mode will for instance allow a safe shutdown by saving critical parameters before a sys-
tem reset.
The Watchdog always on (WDTON) fuse, if programmed, will force the Watchdog Timer
to System Reset mode. With the fuse programmed the System Reset mode bit (WDE)
and Interrupt mode bit (WDIE) are locked to 1 and 0 respectively. To further ensure pro-
gram security, alterations to the Watchdog set-up must follow timed sequences. The
sequence for clearing WDE and changing time-out configuration is as follows:
1.
In the same operation, write a logic one to the Watchdog change enable bit
(WDCE) and WDE. A logic one must be written to WDE regardless of the previ-
ous value of the WDE bit.
2.
Within the next four clock cycles, write the WDE and Watchdog prescaler bits
(WDP) as desired, but with the WDCE bit cleared. This must be done in one
operation.
128kHz
OSCILLATOR
WDP0
WDP1
WDP2
WDP3
WATCHDOG
RESET
WDE
WDIF
WDIE
MCU RESET
INTERRUPT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com