Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA88 Datasheet(PDF) 59 Page - ATMEL Corporation

Part # ATMEGA88
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA88 Datasheet(HTML) 59 Page - ATMEL Corporation

Back Button ATMEGA88 Datasheet HTML 55Page - ATMEL Corporation ATMEGA88 Datasheet HTML 56Page - ATMEL Corporation ATMEGA88 Datasheet HTML 57Page - ATMEL Corporation ATMEGA88 Datasheet HTML 58Page - ATMEL Corporation ATMEGA88 Datasheet HTML 59Page - ATMEL Corporation ATMEGA88 Datasheet HTML 60Page - ATMEL Corporation ATMEGA88 Datasheet HTML 61Page - ATMEL Corporation ATMEGA88 Datasheet HTML 62Page - ATMEL Corporation ATMEGA88 Datasheet HTML 63Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 349 page
background image
59
ATmega48/88/168
2545D–AVR–07/04
0x0034
out
SPH,r16
; Set Stack Pointer to top of
RAM
0x0035
ldi
r16, low(RAMEND)
0x0036
out
SPL,r16
0x0037
sei
; Enable interrupts
0x0038
<instr>
xxx
...
...
...
...
When the BOOTRST Fuse is unprogrammed, the Boot section size set to 2K bytes and
the IVSEL bit in the MCUCR Register is set before any interrupts are enabled, the most
typical and general program setup for the Reset and Interrupt Vector Addresses in
ATmega168 is:
Address
Labels Code
Comments
0x0000
RESET: ldi
r16,high(RAMEND); Main program start
0x0001
out
SPH,r16
; Set Stack Pointer to top of
RAM
0x0002
ldi
r16,low(RAMEND)
0x0003
out
SPL,r16
0x0004
sei
; Enable interrupts
0x0005
<instr>
xxx
;
.org 0xC02
0x1C02
jmp
EXT_INT0
; IRQ0 Handler
0x1C04
jmp
EXT_INT1
; IRQ1 Handler
...
...
...
;
0x1C32
jmp
SPM_RDY
; Store Program Memory Ready
Handler
When the BOOTRST Fuse is programmed and the Boot section size set to 2K bytes, the
most typical and general program setup for the Reset and Interrupt Vector Addresses in
ATmega168 is:
Address
Labels Code
Comments
.org 0x0002
0x0002
jmp
EXT_INT0
; IRQ0 Handler
0x0004
jmp
EXT_INT1
; IRQ1 Handler
...
...
...
;
0x0032
jmp
SPM_RDY
; Store Program Memory Ready
Handler
;
.org 0x1C00
0x1C00
RESET: ldi
r16,high(RAMEND); Main program start
0x1C01
out
SPH,r16
; Set Stack Pointer to top of
RAM
0x1C02
ldi
r16,low(RAMEND)
0x1C03
out
SPL,r16
0x1C04
sei
; Enable interrupts
0x1C05
<instr>
xxx
When the BOOTRST Fuse is programmed, the Boot section size set to 2K bytes and the
IVSEL bit in the MCUCR Register is set before any interrupts are enabled, the most typ-
ical and general program setup for the Reset and Interrupt Vector Addresses in
ATmega168 is:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com