Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA88 Datasheet(PDF) 72 Page - ATMEL Corporation

Part # ATMEGA88
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA88 Datasheet(HTML) 72 Page - ATMEL Corporation

Back Button ATMEGA88 Datasheet HTML 68Page - ATMEL Corporation ATMEGA88 Datasheet HTML 69Page - ATMEL Corporation ATMEGA88 Datasheet HTML 70Page - ATMEL Corporation ATMEGA88 Datasheet HTML 71Page - ATMEL Corporation ATMEGA88 Datasheet HTML 72Page - ATMEL Corporation ATMEGA88 Datasheet HTML 73Page - ATMEL Corporation ATMEGA88 Datasheet HTML 74Page - ATMEL Corporation ATMEGA88 Datasheet HTML 75Page - ATMEL Corporation ATMEGA88 Datasheet HTML 76Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 349 page
background image
72
ATmega48/88/168
2545D–AVR–07/04
Notes:
1. INTRC means that one of the internal RC Oscillators are selected (by the CKSEL
fuses), EXTCK means that external clock is selected (by the CKSEL fuses).
Table 34. Overriding Signals for Alternate Functions in PB7..PB4
Signal
Name
PB7/XTAL2/
TOSC2/PCINT7(1)
PB6/XTAL1/
TOSC1/PCINT6(1)
PB5/SCK/
PCINT5
PB4/MISO/
PCINT4
PUOE
INTRC • EXTCK+
AS2
INTRC + AS2
SPE • MSTR
SPE • MSTR
PUOV
0
0
PORTB5 • PUD
PORTB4 • PUD
DDOE
INTRC • EXTCK+
AS2
INTRC + AS2
SPE • MSTR
SPE • MSTR
DDOV
0
0
0
0
PVOE
0
0
SPE • MSTR
SPE • MSTR
PVOV
0
0
SCK OUTPUT
SPI SLAVE
OUTPUT
DIEOE
INTRC • EXTCK +
AS2 + PCINT7 •
PCIE0
INTRC + AS2 +
PCINT6 • PCIE0
PCINT5 • PCIE0
PCINT4 • PCIE0
DIEOV
(INTRC + EXTCK)
• AS2
INTRC • AS2
11
DI
PCINT7 INPUT
PCINT6 INPUT
PCINT5 INPUT
SCK INPUT
PCINT4 INPUT
SPI MSTR INPUT
AIO
Oscillator Output
Oscillator/Clock
Input
––
Table 35. Overriding Signals for Alternate Functions in PB3..PB0
Signal
Name
PB3/MOSI/
OC2/PCINT3
PB2/SS/
OC1B/PCINT2
PB1/OC1A/
PCINT1
PB0/ICP1/
PCINT0
PUOE
SPE • MSTR
SPE • MSTR
00
PUOV
PORTB3 • PUD
PORTB2 • PUD
00
DDOE
SPE • MSTR
SPE • MSTR
00
DDOV
0
0
0
0
PVOE
SPE • MSTR +
OC2A ENABLE
OC1B ENABLE
OC1A ENABLE
0
PVOV
SPI MSTR
OUTPUT + OC2A
OC1B
OC1A
0
DIEOE
PCINT3 • PCIE0
PCINT2 • PCIE0
PCINT1 • PCIE0
PCINT0 • PCIE0
DIEOV
111
1
DI
PCINT3 INPUT
SPI SLAVE
INPUT
PCINT2 INPUT
SPI SS
PCINT1 INPUT
PCINT0 INPUT
ICP1 INPUT
AIO
–––
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com