Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA88 Datasheet(PDF) 55 Page - ATMEL Corporation

Part # ATMEGA88
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA88 Datasheet(HTML) 55 Page - ATMEL Corporation

Back Button ATMEGA88 Datasheet HTML 51Page - ATMEL Corporation ATMEGA88 Datasheet HTML 52Page - ATMEL Corporation ATMEGA88 Datasheet HTML 53Page - ATMEL Corporation ATMEGA88 Datasheet HTML 54Page - ATMEL Corporation ATMEGA88 Datasheet HTML 55Page - ATMEL Corporation ATMEGA88 Datasheet HTML 56Page - ATMEL Corporation ATMEGA88 Datasheet HTML 57Page - ATMEL Corporation ATMEGA88 Datasheet HTML 58Page - ATMEL Corporation ATMEGA88 Datasheet HTML 59Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 349 page
background image
55
ATmega48/88/168
2545D–AVR–07/04
0x01D
out
SPL,r16
0x01E
sei
; Enable interrupts
0x01F
<instr>
xxx
...
...
...
...
When the BOOTRST Fuse is unprogrammed, the Boot section size set to 2K bytes and
the IVSEL bit in the MCUCR Register is set before any interrupts are enabled, the most
typical and general program setup for the Reset and Interrupt Vector Addresses in
ATmega88 is:
Address
Labels Code
Comments
0x000
RESET: ldi
r16,high(RAMEND); Main program start
0x001
out
SPH,r16
; Set Stack Pointer to top of
RAM
0x002
ldi
r16,low(RAMEND)
0x003
out
SPL,r16
0x004
sei
; Enable interrupts
0x005
<instr>
xxx
;
.org 0xC01
0xC01
rjmp
EXT_INT0
; IRQ0 Handler
0xC02
rjmp
EXT_INT1
; IRQ1 Handler
...
...
...
;
0xC19
rjmp
SPM_RDY
; Store Program Memory Ready
Handler
When the BOOTRST Fuse is programmed and the Boot section size set to 2K bytes, the
most typical and general program setup for the Reset and Interrupt Vector Addresses in
ATmega88 is:
Address
Labels Code
Comments
.org 0x001
0x001
rjmp
EXT_INT0
; IRQ0 Handler
0x002
rjmp
EXT_INT1
; IRQ1 Handler
...
...
...
;
0x019
rjmp
SPM_RDY
; Store Program Memory Ready
Handler
;
.org 0xC00
0xC00
RESET: ldi
r16,high(RAMEND); Main program start
0xC01
out
SPH,r16
; Set Stack Pointer to top of
RAM
0xC02
ldi
r16,low(RAMEND)
0xC03
out
SPL,r16
0xC04
sei
; Enable interrupts
0xC05
<instr>
xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com