Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA88 Datasheet(PDF) 83 Page - ATMEL Corporation

Part # ATMEGA88
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA88 Datasheet(HTML) 83 Page - ATMEL Corporation

Back Button ATMEGA88 Datasheet HTML 79Page - ATMEL Corporation ATMEGA88 Datasheet HTML 80Page - ATMEL Corporation ATMEGA88 Datasheet HTML 81Page - ATMEL Corporation ATMEGA88 Datasheet HTML 82Page - ATMEL Corporation ATMEGA88 Datasheet HTML 83Page - ATMEL Corporation ATMEGA88 Datasheet HTML 84Page - ATMEL Corporation ATMEGA88 Datasheet HTML 85Page - ATMEL Corporation ATMEGA88 Datasheet HTML 86Page - ATMEL Corporation ATMEGA88 Datasheet HTML 87Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 349 page
background image
83
ATmega48/88/168
2545D–AVR–07/04
Pin Change Interrupt Flag
Register - PCIFR
• Bit 7..3 - Res: Reserved Bits
These bits are unused bits in the ATmega48/88/168, and will always read as zero.
• Bit 2 - PCIF2: Pin Change Interrupt Flag 2
When a logic change on any PCINT23..16 pin triggers an interrupt request, PCIF2
becomes set (one). If the I-bit in SREG and the PCIE2 bit in PCICR are set (one), the
MCU will jump to the corresponding Interrupt Vector. The flag is cleared when the inter-
rupt routine is executed. Alternatively, the flag can be cleared by writing a logical one to
it.
• Bit 1 - PCIF1: Pin Change Interrupt Flag 1
When a logic change on any PCINT14..8 pin triggers an interrupt request, PCIF1
becomes set (one). If the I-bit in SREG and the PCIE1 bit in PCICR are set (one), the
MCU will jump to the corresponding Interrupt Vector. The flag is cleared when the inter-
rupt routine is executed. Alternatively, the flag can be cleared by writing a logical one to
it.
• Bit 0 - PCIF0: Pin Change Interrupt Flag 0
When a logic change on any PCINT7..0 pin triggers an interrupt request, PCIF0
becomes set (one). If the I-bit in SREG and the PCIE0 bit in PCICR are set (one), the
MCU will jump to the corresponding Interrupt Vector. The flag is cleared when the inter-
rupt routine is executed. Alternatively, the flag can be cleared by writing a logical one to
it.
Pin Change Mask Register 2 –
PCMSK2
• Bit 7..0 – PCINT23..16: Pin Change Enable Mask 23..16
Each PCINT23..16-bit selects whether pin change interrupt is enabled on the corre-
sponding I/O pin. If PCINT23..16 is set and the PCIE2 bit in PCICR is set, pin change
interrupt is enabled on the corresponding I/O pin. If PCINT23..16 is cleared, pin change
interrupt on the corresponding I/O pin is disabled.
Pin Change Mask Register 1 –
PCMSK1
• Bit 7 – Res: Reserved Bit
This bit is an unused bit in the ATmega48/88/168, and will always read as zero.
• Bit 6..0 – PCINT14..8: Pin Change Enable Mask 14..8
Each PCINT14..8-bit selects whether pin change interrupt is enabled on the correspond-
ing I/O pin. If PCINT14..8 is set and the PCIE1 bit in PCICR is set, pin change interrupt
Bit
7
654
32
10
–
–
–
–
–
PCIF2
PCIF1
PCIF0
PCIFR
Read/Write
R
R
R
R
R
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65432
1
0
PCINT23
PCINT22
PCINT21
PCINT20
PCINT19
PCINT18
PCINT17
PCINT16
PCMSK2
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
00000
0
0
Bit
7
65432
1
0
–
PCINT14
PCINT13
PCINT12
PCINT11
PCINT10
PCINT9
PCINT8
PCMSK1
Read/Write
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
00000
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com